Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRH6D28 Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH6D28
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH6D28 Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH6D28 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH6D28 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH6D28 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
Part Number
L(uH)
Marking
DCR(ΩMax)
IDC(A)(Max)
TPRH6D28-560□
56
560
0.277
0.73
TPRH6D28-680□
68
680
0.304
0.65
TPRH6D28-820□
82
820
0.390
0.60
TPRH6D28-101□
100
101
0.535
0.54
Note1. Measurement frequency of Inductance value : at 10KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC:The rated current indicates the current when the inductance decreases to 65% over of it’s
nominal value or D.C. current when the temperature rising ∆t=30℃lower, whichever is lower
Note4. Inductance tolerance: N: ±30% ; M: ±20%
Note5. Ordering Code: TYPE NAME: TPRH6D28
Main Inductance: 100 (10uH)
Tolerance : □ (see note 4)
Note6.Packaging: Taping ; Quantity: 1500 Pieces/reel



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com