Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8563A Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM8563A
Description  HV Start-up Green-mode PWM Convertor with Brown-Out Protection
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8563A Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM8563A Datasheet HTML 1Page - Excelliance MOS Corp. EM8563A Datasheet HTML 2Page - Excelliance MOS Corp. EM8563A Datasheet HTML 3Page - Excelliance MOS Corp. EM8563A Datasheet HTML 4Page - Excelliance MOS Corp. EM8563A Datasheet HTML 5Page - Excelliance MOS Corp. EM8563A Datasheet HTML 6Page - Excelliance MOS Corp. EM8563A Datasheet HTML 7Page - Excelliance MOS Corp. EM8563A Datasheet HTML 8Page - Excelliance MOS Corp. EM8563A Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2013/02/25
Rev.A3
4
EM8563A
Absolute Maximum Ratings (Note1)
Supply Input Voltage, VCC ----------------------------------------------------------------------- 30V
D pin--------------------------------------------------------------------------------------------------- 700V
BNO, COMP, CS Pin --------------------------------------------------------------------------------- - 0.3V to 6.5V
Power Dissipation, PD @ TA = 25
℃
DIP 7 --------------------------------------------------------------------------------------------------- 1.5W
Package Thermal Resistance
DIP 7 -------------------------------------------------------------------------------------------------- 80
℃/W
Junction Temperature ----------------------------------------------------------------------------- 150
℃
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------- 260
℃
Storage Temperature Range --------------------------------------------------------------------- -65
to 150
℃
℃
ESD Susceptibility
(Note2)
HBM (Human Body Mode) ------------------------------------------------------------------------ 2KV
MM (Machine Mode) -------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note3)
Supply Input Voltage, VCC -----------------------------------------------------------------------
11V to 25V
VCC Capacitor ----------------------------------------------------------------------------------------
4.7uF to 47uF
Junction Temperature Range--------------------------------------------------------------------- -40
℃ to 125℃
Ambient Temperature Range--------------------------------------------------------------------
-40
℃ to 85℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com