Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM8635 Datasheet(PDF) 10 Page - Excelliance MOS Corp.

Part # EM8635
Description  Green mode PWM Flyback Controller with Brown-Out Protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM8635 Datasheet(HTML) 10 Page - Excelliance MOS Corp.

Back Button EM8635 Datasheet HTML 5Page - Excelliance MOS Corp. EM8635 Datasheet HTML 6Page - Excelliance MOS Corp. EM8635 Datasheet HTML 7Page - Excelliance MOS Corp. EM8635 Datasheet HTML 8Page - Excelliance MOS Corp. EM8635 Datasheet HTML 9Page - Excelliance MOS Corp. EM8635 Datasheet HTML 10Page - Excelliance MOS Corp. EM8635 Datasheet HTML 11Page - Excelliance MOS Corp. EM8635 Datasheet HTML 12Page - Excelliance MOS Corp. EM8635 Datasheet HTML 13Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2013/05/13
A.1
10
EM8635
Functional Description
UVLO
An UVLO comparator is implemented in EM8635 to
monitor the VDD pin voltage. As shown in Fig. 14, a
hysteresis is built in to prevent the shutdown from
the voltage drop during startup. The UVLO (on) and
UVLO
(off)
are
setting
at
15V
and
8.5V,
respectively.
Fig. 14
Startup Operation
Fig. 15 shows a typical startup circuit and
transformer auxiliary winding for the EM8635
application, it consumes only startup current
(typical 6uA) and the current supplied through the
startup resistor charges the VDD capacitor (CVDD).
When VDD reaches UVLO (on) voltage, EM8635
begins switching and
the current consumed
increases to 2.5mA. Then, the power required is
supplied from the transformer auxiliary winding.
The hysteresis of UVLO (off) provides more holdup
time, which allows using a small capacitor for VDD.
The ultra low startup current (typical 6uA) allow
system using higher resistance value of RStart. It
provides a fast startup and low power dissipation
solution.
Fig. 15
Switching Frequency
To guarantee accurate frequency, EM8635 is
trimmed to 7% tolerance. The switching frequency
is 65KHz (Tpy.) with +-6% jitter range. The internal
oscillator also generates slope compensation, 75%
maximum duty limit.
Leading Edge Blanking (LEB)
Each time the power MOSFET turn on, the MOSFET
COSS, secondary rectifier reverse recovery current
and gate driver sourcing current comprise the
current spike. To avoid premature termination of
the switching pulse, a leading edge blanking time is
built in. During the blanking time (300nS), the
PWM comparator is off and cannot switch off the
gate driver. It is recommended to adopt a smaller
R-C filter (as show ad Fig.16) for high power
application to avoid the total spike width over
300nS leading edge blanking time.
Fig. 16
IVDD
VDD
t
t
Start up Current(6uA)
Operation Current (2.5mA)
UVLO (on)
UVLO(off)
EM8635
AC
INPUT
BNO
COMP
GND
CS
GATE
VDD
Rstart
C VDD
EM8635
GND
CS
GATE
VDD
C VDD
300nS LEB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com