Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMA09N03CS Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EMA09N03CS
Description  N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMA09N03CS Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EMA09N03CS Datasheet HTML 1Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 2Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 3Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 4Page - Excelliance MOS Corp. EMA09N03CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
2013/8/22 
p.1 
EMA09N03CS
G
D
S
N‐Channel Logic Level Enhancement Mode Field Effect Transistor
 
Product Summary: 
BVDSS 
25V 
RDSON (MAX.) 
9mΩ 
ID 
50A 
 
UIS, Rg 100% Tested 
Pb‐Free Lead Plating & Halogen Free 
 
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C Unless Otherwise Noted) 
PARAMETERS/TEST CONDITIONS 
SYMBOL 
LIMITS 
UNIT 
Gate‐Source Voltage 
VGS 
±20 
V 
Continuous Drain Current 
TC = 25 °C 
ID 
50 
A 
TC = 100 °C 
35 
Pulsed Drain Current
1 
IDM 
140 
Avalanche Current 
IAS 
37.5 
Avalanche Energy 
L = 0.1mH, ID=37.5A, RG=25Ω
EAS 
70 
mJ 
Repetitive Avalanche Energy
2 
L = 0.05mH 
EAR 
15 
Power Dissipation 
TC = 25 °C 
PD 
50 
W 
TC = 100 °C 
20 
Operating Junction & Storage Temperature Range 
Tj, Tstg ‐55 to 150 
°C 
THERMAL RESISTANCE RATINGS 
THERMAL RESISTANCE 
SYMBOL 
TYPICAL 
MAXIMUM 
UNIT 
Junction‐to‐Case 
RJC 
 
2.5 
°C / W 
Junction‐to‐Ambient 
RJA 
 
75 
1Pulse width limited by maximum junction temperature. 
2Duty cycle  1% 
 
 


Similar Part No. - EMA09N03CS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMA09N03AN EXCELLIANCE-EMA09N03AN Datasheet
233Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMA09N03CS

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EMD06N10E EXCELLIANCE-EMD06N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD06N80F EXCELLIANCE-EMD06N80F Datasheet
173Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N10E EXCELLIANCE-EMD08N10E Datasheet
231Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD08N80F EXCELLIANCE-EMD08N80F Datasheet
172Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06A EXCELLIANCE-EMD10N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N06E EXCELLIANCE-EMD10N06E Datasheet
230Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD10N70F EXCELLIANCE-EMD10N70F Datasheet
170Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N06A EXCELLIANCE-EMD12N06A Datasheet
224Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N10H EXCELLIANCE-EMD12N10H Datasheet
215Kb / 6P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
EMD12N60F EXCELLIANCE-EMD12N60F Datasheet
169Kb / 5P
N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com