Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRH8D43 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH8D43
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH8D43 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH8D43 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH8D43 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH8D43 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1502
TPRH8D43 TYPE
●FEATURE
1. High current capacity and Low DCR
2. Magnetic shielded for low raditation
●Applications
1. Portable telephone,Personal Computer
2. Set top box, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=8.30m/m MAX ; D=4.50m/m MAX ; MARKING= Inductance value
●Specification
P/N
L
(μH)
Marking
RDC
(Ω)Max
Isat
(A)
Irms
(A)
TPRH8D43-2R0□
2.0
2R0
14.0m
7.00
5.50
TPRH8D43-3R3□
3.3
3R3
18.5m
6.00
5.00
TPRH8D43-3R9□
3.9
3R9
19.0m
5.90
4.50
TPRH8D43-4R7□
4.7
4R7
22.0m
5.60
4.10
TPRH8D43-6R8□
6.8
6R8
25.0m
4.40
3.90
TPRH8D43-100□
10
100
36.0m
4.00
3.20
TPRH8D43-150□
15
150
53.0m
2.90
2.30
TPRH8D43-220□
22
220
75.0m
2.60
1.80
TPRH8D43-330□
33
330
125m
2.20
1.40
TPRH8D43-470□
47
470
150m
1.80
1.30
TPRH8D43-560□
56
560
220m
1.60
1.10
TPRH8D43-680□
68
680
300m
1.50
1.00
TPRH8D43-820□
82
820
340m
1.35
0.80
TPRH8D43-101□
100
101
364m
1.30
0.80
Note1. Measurement frequency of Inductance value : at 100KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 35%(max) from its value without current
6.10REF
10.10REF
2.00REF
TOP VIEW
SIDE VIEW
A
6R8
Black
Marking
D
BOTTOM VIEW
1.2
6.30


Similar Part No. - TPRH8D43

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28-100 FENGJUI-TPRH8D28-100 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28-150 FENGJUI-TPRH8D28-150 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28-1R0 FENGJUI-TPRH8D28-1R0 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28-220 FENGJUI-TPRH8D28-220 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH8D43

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com