Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRH1205M-R47N Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH1205M-R47N
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH1205M-R47N Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH1205M-R47N Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1205M-R47N Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1205M-R47N Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1702
TPRH1205M TYPE
●FEATURE
1. Low core loss for high frequency power application
2. Mn-Zn material of drum core, High saturation
●Applications
1. Portable communication equipment, notebook computer
2. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
A=12.0±0.30m/m ; B=12.0±0.30m/m ; C=6.00m/m MAX
●Specification
Part Number
L(uH)
STAMP
DCR(Ω Max)
Isat(A)
Irms(A)
TPRH1205M-R47N
0.47±30%
R47
0.0036
33.2
14.7
TPRH1205M-1R0N
1.0±30%
1R0
0.0051
23.7
12.7
TPRH1205M-1R5N
1.5±30%
1R5
0.0047
18.4
12.9
TPRH1205M-2R2N
2.2±30%
2R2
0.0040
15.1
10.6
TPRH1205M-3R3N
3.3±30%
3R3
0.0105
12.8
8.63
TPRH1205M-4R7N
4.7±30%
4R7
0.0132
9.76
7.67
TPRH1205M-6R8N
6.8±30%
6R8
0.0168
8.74
6.81
TPRH1205M-8R2N
8.2±30%
8R2
0.0192
7.90
6.41
TPRH1205M-100M
10±20%
100
0.0231
7.22
5.57
TPRH1205M-150M
15±20%
150
0.0363
5.72
4.45
TPRH1205M-220M
22±20%
220
0.0462
4.74
3.95
TPRH1205M-330M
33±20%
330
0.064
3.86
3.19
TPRH1205M-470M
47±20%
470
0.097
3.13
2.59
TPRH1205M-680M
68±20%
680
0.144
2.64
2.13
TPRH1205M-820M
82±20%
820
0.162
2.41
2.01
TPRH1205M-101M
100±20%
101
0.214
2.21
1.75
TPRH1205M-151M
150±20%
151
0.33
1.79
1.41
TPRH1205M-221M
220±20%
221
0.50
1.47
1.14
TPRH1205M-331M
330±20%
331
0.65
1.19
1.00
5.40REF


Similar Part No. - TPRH1205M-R47N

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
TPRH1205 FENGJUI-TPRH1205 Datasheet
146Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1205 FENGJUI-TPRH1205 Datasheet
163Kb / 4P
SMD POWER INDUCTOR-RoHS
TPRH1205P FENGJUI-TPRH1205P Datasheet
206Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1205P-100M FENGJUI-TPRH1205P-100M Datasheet
206Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH1205P-101M FENGJUI-TPRH1205P-101M Datasheet
206Kb / 3P
SMD POWER INDUCTOR-RoHS
More results

Similar Description - TPRH1205M-R47N

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com