Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRH1207P Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH1207P
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH1207P Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH1207P Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1207P Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1207P Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev. 1702
Part Number
Leads connected in parallel
Leads connected in series
L(uH)
±20%
DCR(Ω)
Max
Isat
(A)
Irms
(A)
L(uH)
±30%
DCR(Ω)
Max
Isat
(A)
Irms
(A)
TP RH1207P-390M
39
0.080
5.5
3.6
156
0.32
2.80
1.6
TP RH1207P-470M
47
0.090
5.2
3.0
188
0.36
2.60
1.5
TP RH1207P-560M
56
0.095
4.5
2.8
224
0.38
2.40
1.4
TP RH1207P-680M
68
0.105
4.1
2.6
272
0.42
2.10
1.3
TP RH1207P-820M
82
0.140
3.8
2.3
328
0.56
1.90
1.2
TP RH1207P-101M
100
0.150
3.4
2.0
400
0.60
1.70
1.1
TP RH1207P-121M
120
0.205
3.2
1.9
480
0.82
1.60
1.0
TP RH1207P-151M
150
0.230
2.8
1.8
600
0.92
1.40
0.89
TP RH1207P-181M
180
0.255
2.5
1.7
720
1.02
1.30
0.84
TP RH1207P-221M
220
0.345
2.3
1.6
880
1.38
1.10
0.75
TP RH1207P-271M
270
0.450
2.1
1.5
1080
1.80
1.00
0.71
TP RH1207P-331M
330
0.510
1.9
1.3
1320
2.04
0.92
0.62
TP RH1207P-391M
390
0.560
1.7
1.1
1560
2.24
0.84
0.53
TP RH1207P-471M
470
0.765
1.6
0.87
1880
3.06
0.80
0.43
TP RH1207P-561M
560
0.845
1.5
0.83
2240
3.38
0.73
0.40
TP RH1207P-681M
680
1.145
1.3
0.76
2720
4.58
0.63
0.36
TP RH1207P-821M
820
1.275
1.2
0.69
3280
5.10
0.58
0.33
TP RH1207P-102M
1000
1.415
1.1
0.60
4000
5.66
0.56
0.30
Note1. Measurement frequency of Inductance value : at 100K Hz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. Isat: DC current at which the inductance drops 30%(typ.) from its value without current
Note4. Irms: A verage current for 40℃ temperature rise from 25℃ ambient
Note5. Packaging: Taping ; Quantity: 350pcs/reel
●Order Code(Part Number)
1.
TYPE NAME : TP RH1207P
2.
INDUCTA NCE VALUE : 100(10uH)
3.
INDUCTA NCE TOLERA NCE : M(±20%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com