Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPRH1209 Datasheet(PDF) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TPRH1209
Description  SMD POWER INDUCTOR-RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TPRH1209 Datasheet(HTML) 2 Page - FENGJUI TECHNOLOGY CO., LTD.

  TPRH1209 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1209 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TPRH1209 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
Part Number
L(uH)
STAMP
DCR(ΩMax)
IDC(A) MAX
TPRH1209-331M
330±20%
331
0.450
1.20
TPRH1209-391M
390±20%
391
0.550
1.10
TPRH1209-471M
470±20%
471
0.600
1.00
TPRH1209-561M
560±20%
561
0.700
0.90
TPRH1209-681M
680±20%
681
0.840
0.82
TPRH1209-821M
820±20%
821
1.06
0.80
TPRH1209-102M
1000±20%
102
1.27
0.76
Note1. Measurement frequency of Inductance value : at 1KHz, 0.25V
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC: the current when the inductance decreases to 75% over of it’s nominal value.
Note4. Inductance tolerance: M: ±20%
Note5. Taping: reel ; Quantity: 300pcs/reel
●Order Code(Part Number)
1. TYPE NAME : TPRH1209
2. INDUCTANCE VALUE : 100(10uH)
3. INDUCTANCE TOLERANCE : M(±20%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com