Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WL4532V-R12 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # WL4532V-R12
Description  SMD POWER INDUCTOR-RoHS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

WL4532V-R12 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  WL4532V-R12 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. WL4532V-R12 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. WL4532V-R12 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. WL4532V-R12 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD. WL4532V-R12 Datasheet HTML 5Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1601
WL 4532V TYPE
●FEATURE
1. Wire wound SMD inductors
2. Highly accurate dimensions and reliable
●Applications
1. Digital camera or small size LCD panel used
2. Hard Disk drives, and other electronic equipment
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
E
F
G
I
H
WL4532V(1812)
4.50±0.30
3.20±0.20
3.20±0.20 2.60±0.10
0.60
6.00
3.00
2.80
Note1. Measurement frequency of Inductance value : at electrical characteristics
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. IDC : This indicates the value of current when the inductances is 10% lower than its initial
value at D.C. superimposition or D.C. current when at ∆t=20℃,which is lower.(Ta=20℃)
Note4. Inductance tolerance: J: ±5% ; K: ±10% ; M: ±20%
Note5. Ordering Code: TYPE NAME: WL4532V
Inductance Value: 100(10uH)
Tolerance Code: □ (see Note4)
Note6. This specification might be changed without notice due to under developing and improving.
Thank you for your understanding.
G
I


Similar Part No. - WL4532V-R12

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WL4 WELWYN-WL4 Datasheet
67Kb / 2P
Jumper Resistors
logo
TT Electronics.
WL4 TTELEC-WL4 Datasheet
281Kb / 2P
Jumper Resistors
12.22
WL4 TTELEC-WL4 Datasheet
372Kb / 2P
Jumper Resistors
04.21
logo
M-System Co.,Ltd.
WL40EW2F MSYSTEM-WL40EW2F Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
WL40EW2F-R MSYSTEM-WL40EW2F-R Datasheet
575Kb / 7P
Wireless I/O WL40F Series WIRELESS GATEWAY
More results

Similar Description - WL4532V-R12

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com