Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD2000S Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # AD2000S
Description  FULLY AUTOMATIC DICING MACHINE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

AD2000S Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  AD2000S Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD AD2000S Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
The large door and processing space increased
the maintainability.
Max. work size
φ
200 mm
Max. number of frames
8 inch
Spindle
Rotation
60,000 min-1
Max. blade diameter Φ58 mm (2-Inch)
Rated Output
1.8 KW
X axis
Available cutting range 260 mm
Max. Speed
1000 mm/sec
Y1/Y2 axes
Available cutting range 260 mm
Max. Speed
300 mm/sec
Resolution
0.078 μm
Accuracy
0.002 mm / 210 mm
Z1/Z2 axes
Stroke
34 mm
Resolution
0.002 μm
Max. Speed
80 mm/sec
Repeatability
0.001 mm
θ axis
Range of rotation
380°
Misc
Voltage
3 Phase AC200 to 220V ±10 %
(Transformer adoptable)
Power consumption 6.0kVA (MAX)
Air pressure
0.55 to 0.7 MPa
Avg. Air consumption 210 L/ min (0.55 MPa)
Cutting Water,
and others (pressure) 0.3 to 0.5 MPa
Cutting Water,
and others (Max Flow)
Cutting Water:10.0 L/min
Others:3.6 L/min
Cooling Water (pressure) 0.3 to 0.5 MPa
Cooling Water (Max Flow) 3.4 L/min (0.3 MPa)
Exhaust
5.0 m3/ min more
Size (W*D*H)
1080 mmX1190 mmX1900 mm
Weight
1100 kg
Main Features
Optimized spacing by utilizing all components and optional
unit well within the compartment
Standard Spindles up to 60,000 rpm
Enhanced throughput
1: X axis 1,000 mm/sec, Y axis 300 mm/sec,
and Z axis 80 mm/sec
2: Two Optical Cutter-Set units
3: The Worlds’ smallest blade-to-blade distance
17” LCD touch panel and new GUI
GUI (Graphical User Interface)
with simple layout and large
touch-buttons allow users’
interactive operation
Easy and simple Kerf check function
(AI kerf check function)
Over 10,000 recipes storable
USB port as standard
(USB memory device can be used as external memory)
Ease-of-maintenance
Wide maintenance door and front-side accessibility allows easy of
routine maintenance
Optimized vacuum controller
Reduces 50 % of air consumption compared with existing model
1
2
3
4
5
6
7
8
9
Maintenance
New GUI
International Marketing Dept. (Japan)
2968-2, Ishikawa-machi, Hachioji-city, Tokyo 192-0032, Japan
TEL: +81(0)42-642-0381 FAX: +81(0)42-631-5234 URL http://www.accretech.jp
AD2000T_English_Back
210*297 mm
C-92-576-E-1505
Specifications
Notes) *Specifications of the Consumption, Cutting water and
Cooling water are for AD2000T.
*All specifications above may be changed without notice.
TOKYO SEIMITSU



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com