Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSD4R7 Datasheet(PDF) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

Part # TSD4R7
Description  SMD POWER INDUCTOR-RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FENGJUI [FENGJUI TECHNOLOGY CO., LTD.]
Direct Link  https://www.fengjui.com.tw/
Logo FENGJUI - FENGJUI TECHNOLOGY CO., LTD.

TSD4R7 Datasheet(HTML) 1 Page - FENGJUI TECHNOLOGY CO., LTD.

  TSD4R7 Datasheet HTML 1Page - FENGJUI TECHNOLOGY CO., LTD. TSD4R7 Datasheet HTML 2Page - FENGJUI TECHNOLOGY CO., LTD. TSD4R7 Datasheet HTML 3Page - FENGJUI TECHNOLOGY CO., LTD. TSD4R7 Datasheet HTML 4Page - FENGJUI TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FENG-JUI TECHNOLOGY CO., LTD
SMD POWER INDUCTOR-RoHS
Your Perfect Inductor
Rev.1801
TSD TYPE
●FEATURE
1.
Various high power inductors are superior to be high saturation for surface mounting
●Applications
1.
Digital Camera, Notebook and others
●Shape and Dimension
●Schematics and Land Patterns(mm)
●Specification
Dimension in m/m
TYPE
A
B
C
D
E
F
G
I
P
Q
TSD0302
3.85±0.30
3.85±0.30
1.80 Max
3.90±0.20
1.60
0.50
3.20
3.00
4.55
1.90
TSD0502
5.10±0.20
5.10±0.20
2.00 Max
5.40±0.40
1.60
0.50
4.20
3.90
5.70
1.90
TSD0503
5.10±0.20
5.10±0.20
3.00 Max
5.40±0.40
1.60
0.50
4.20
3.90
5.70
1.90
TSD0602
5.90±0.20
5.90±0.20
2.00 Max
6.40±0.30
2.40
0.80
4.70
4.40
6.50
2.70
TSD06025
5.90±0.20
5.90±0.20
2.50 Max
6.40±0.30
2.40
0.80
4.70
4.40
6.50
2.70
TSD0603
5.90±0.20
5.90±0.20
3.00 Max
6.40±0.30
2.40
0.80
4.70
4.40
6.50
2.70
Note1. Measurement frequency of Inductance value : 0.47uH-8.2uH/100KHz ; 10uH-2200uH/1KHz
Note2. Measurement ambient temperature of L, DCR and IDC : at 25℃
Note3. The rated current indicates the current when the inductance decreases to 70% over of it’s
nominal value or D.C. current when the temperature rising Δt=30℃lower, whichever is lower
Note4. Inductance tolerance: N: ±30% ; M: ±20%
Note5. Ordering Code: TYPE NAME: TSD0302
Main Inductance: 100 (10uH)
Tolerance : M (±20%)
Note6. Packaging: Taping ; Quantity: TSD0302: 3500 Pieces/reel ; TSD0502: 3500 Pieces/reel ;
TSD0602: 2500 Pieces/reel ;
TSD06025: 2000 Pieces/reel ; TSD0603: 2000 Pieces/reel
F
P
Q


Similar Part No. - TSD4R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD4 ETC1-TSD4 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
StarHope
TSD40U SPSEMI-TSD40U Datasheet
270Kb / 5P
TSD(1800W) Series
logo
STMicroelectronics
TSD435 STMICROELECTRONICS-TSD435 Datasheet
203Kb / 6P
ASYMMETRICAL THYRISTOR THYRISTOR ASYMETRIQUE
logo
Vishay Siliconix
TSD47 VISHAY-TSD47 Datasheet
152Kb / 3P
Lower Voltage Disc Capacitors
14-May-02
logo
STMicroelectronics
TSD4M150 STMICROELECTRONICS-TSD4M150 Datasheet
354Kb / 8P
N-CHANNEL ENHANCEMENT MODE ISOFET POWER MOS TRANSISTOR MODULE
More results

Similar Description - TSD4R7

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
ANB1303 FENGJUI-ANB1303 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1305 FENGJUI-ANB1305 Datasheet
73Kb / 3P
SMD POWER INDUCTOR-RoHS
ANB1311 FENGJUI-ANB1311 Datasheet
145Kb / 3P
SMD POWER INDUCTOR-RoHS
SCRB6028 FENGJUI-SCRB6028 Datasheet
164Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA4018 FENGJUI-SDIA4018 Datasheet
208Kb / 2P
SMD POWER INDUCTOR-RoHS
SDIA6045 FENGJUI-SDIA6045 Datasheet
177Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH4D18 FENGJUI-TPRH4D18 Datasheet
193Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D18 FENGJUI-TPRH5D18 Datasheet
216Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH5D28R FENGJUI-TPRH5D28R Datasheet
210Kb / 3P
SMD POWER INDUCTOR-RoHS
TPRH8D28 FENGJUI-TPRH8D28 Datasheet
151Kb / 3P
SMD POWER INDUCTOR-RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com