Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML300EX Datasheet(PDF) 2 Page - TOKYO SEIMITSU CO., LTD

Part # ML300EX
Description  Circular wafer : 8, 12 inches diameter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCRETECH [TOKYO SEIMITSU CO., LTD]
Direct Link  http://www.accretech.jp/english/index.html
Logo ACCRETECH - TOKYO SEIMITSU CO., LTD

ML300EX Datasheet(HTML) 2 Page - TOKYO SEIMITSU CO., LTD

  ML300EX Datasheet HTML 1Page - TOKYO SEIMITSU CO., LTD ML300EX Datasheet HTML 2Page - TOKYO SEIMITSU CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Applicable Wafer size
Circular wafer : 8, 12 inches diameter
X-axis
Stroke
550 mm
Positioning resolution 0.002 mm
Straightness
0.0015 mm/310 mm(both horizontal and vertical)
Y-axis
Stroke
427 mm
Positioning resolution 0.0002 mm(closed-loop control)
Positioning accuracy 0.002 mm/310 mm
Z-axis
Stroke
8.5 mm
Positioning resolution 0.0001 mm(closed-loop control)
Positioning accuracy 0.001 mm/1 mm
θ-axis Rotation range
380 deg (Max)
● Specifications
● Requirements
● External View
Power supply
Supply voltage :
Selected from 200/220/240/380/415
VAC ± 10% 3 phase, 50 to 60 Hz.
Power consumption
7kVA max
Compressed air
Pressure : 0.5 to 0.7 MPa
N2 gas
Pressure : 0.5 to 0.7 MPa
Cooling water for linear motor Pressure : 0.2 to 0.5 MPa (City water)
Dimentions
1,630W x 2,327D x 1,980H mm (Including FFU)
Weight
2,500 kg
TOKYO SEIMITSU
C-92-550-E-1812
Japan / Head Office
Tokyo Seimitsu Co., Ltd.
Tel:+81(0)42-642-0381
Fax:+81(0)42-631-5234
North America
Accretech America Inc.
(Head Office)
Tel: +1-214-459-1688
Fax: +1-214-459-1696
(Fremont Office)
Tel: +1-510-344-5411
Fax: +1-510-344-5410
(Boise Office)
Tel: +1-208-429-6500
Fax: +1-208-429-6555
Europe
Accretech (Europe) GmbH
(Head Office)
Tel: +49(0)89-546788-0
Fax: +49(0)89-546788-10
Korea
Accretech Korea Co., Ltd.
(Head Office / Seongnam)
Tel: +82(0)31-786-4000
Fax: +82(0)31-786-4090
Taiwan
Accretech Taiwan Co., Ltd.
Tel: +886(0)3-553-1300
Fax: +886(0)3-553-1319
Malaysia
Accretech (Malaysia) Sdn. Bhd.
(Head Office)
Tel: +60(3)5632-7488
Fax: +60(3)5632-7489
(Penang Office)
Tel: +60(4)6119-622
Singapore
Accretech (Singapore) Pte. Ltd.
Tel: +65-6341-6052
Fax: +65-6341-6054
Thailand
Accretech (Thailand) Co., Ltd.
(Semiconductor)
Tel: +66(2)024-8735-6
Fax: +66(2)024-8737
Accretech Adamas (Thailand) Co., Ltd.
Tel: +66(2)119-5489
Fax: +66(2)119-5488
Vietnam
Accretech Vietnam Co., Ltd.
(Head Office / Hanoi)
Tel: +84(24)3941-3309
Fax: +84(24)3941-3310
China
Accretech (China) Co., Ltd.
(Head Office / Shanghai)
Tel: +86(0)21-3887-0801
Fax: +86(0)21-3887-0805
(Shanghai Office)
Tel: +86(0)21-5064-0258
Fax: +86(0)21-5064-0356
(Beijing Office)
Tel: +86(0)10-8447-7010
Fax: +86(0)10-8447-7010
(Shenzhen Office)
Tel: +86(0)755-2515-9842
Fax: +86(0)755-2515-7737
(Chongqing Office)
Tel: +86(0)23-6295-5061
Fax: +86(0)23-6295-5060
(Chengdu Office)
Tel: +86(0)28-8738-2279
Fax: +86(0)28-8738-2279
(Suzhou Office)
Tel: +86(0)512-6265-6436
Fax: +86(0)512-6265-6435
(Wuxi Office)
Tel: +86(0)510-8101-7346
Fax: +86(0)510-8101-7346
(Xi’an Office)
Tel: +86(0)29-8886-3499
Fax: +86(0)29-8886-3499
http://www.accretech.jp/
 



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com