Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N60 Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # 2N60
Description  N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

2N60 Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  2N60 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. 2N60 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2N60
Power MOSFET
www.artschip.com
5
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com