Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29DL320GT70PCF Datasheet(PDF) 5 Page - SPANSION

Part # AM29DL320GT70PCF
Description  For new designs involving TSOP packages, S29JL032H supercedes Am29DL320G and is the factory-recommended migration path.
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29DL320GT70PCF Datasheet(HTML) 5 Page - SPANSION

  AM29DL320GT70PCF Datasheet HTML 1Page - SPANSION AM29DL320GT70PCF Datasheet HTML 2Page - SPANSION AM29DL320GT70PCF Datasheet HTML 3Page - SPANSION AM29DL320GT70PCF Datasheet HTML 4Page - SPANSION AM29DL320GT70PCF Datasheet HTML 5Page - SPANSION AM29DL320GT70PCF Datasheet HTML 6Page - SPANSION AM29DL320GT70PCF Datasheet HTML 7Page - SPANSION AM29DL320GT70PCF Datasheet HTML 8Page - SPANSION AM29DL320GT70PCF Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 58 page
background image
September 27, 2004
Am29DL320G
3
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 5
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 6
Special Package Handling Instructions .......................................... 7
Pin Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 9
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 10
Table 1. Device Bus Operations ...........................................................10
Word/Byte Configuration .............................................................. 10
Requirements for Reading Array Data .........................................10
Writing Commands/Command Sequences .................................. 11
Accelerated Program Operation ...................................................11
Autoselect Functions .................................................................... 11
Simultaneous Read/Write Operations
with Zero Latency .........................................................................11
Standby Mode .............................................................................. 11
Automatic Sleep Mode .................................................................11
RESET#: Hardware Reset Pin .....................................................12
Output Disable Mode ...................................................................12
Table 2. Top Boot Sector Addresses ...................................................13
Table 3. Top Boot SecSi
TM Sector Addresses ..................................... 14
Table 4. Bottom Boot Sector Addresses ...............................................15
Table 5. Bottom Boot SecSiTM Sector Addresses ................................ 16
Autoselect Mode .......................................................................... 17
Table 6. Autoselect Codes, (High Voltage Method) .............................17
Sector/Sector Block Protection and Unprotection ........................ 18
Table 7. Top Boot Sector/Sector Block Addresses
for Protection/Unprotection ...................................................................18
Table 8. Bottom Boot Sector/Sector Block Addresses
for Protection/Unprotection ...................................................................18
Write Protect (WP#) .....................................................................19
Temporary Sector Unprotect ........................................................ 19
Figure 1. Temporary Sector Unprotect Operation ................................. 19
Figure 2. In-System Sector Protection/
Sector Unprotection Algorithms ............................................................ 20
SecSi
TM (Secured Silicon) Sector
Flash Memory Region .................................................................. 21
Factory Locked: SecSi Sector Programmed and Protected At the
Factory .........................................................................................21
Customer Lockable: SecSi Sector NOT Programmed or Protected At
the Factory ...................................................................................21
Figure 3. SecSi Sector Protect Verify.................................................... 22
Hardware Data Protection ............................................................ 22
Low VCC Write Inhibit .................................................................. 22
Write Pulse “Glitch” Protection .....................................................22
Logical Inhibit ...............................................................................22
Power-Up Write Inhibit .................................................................22
Common Flash Memory Interface (CFI) . . . . . . . 22
Table 9. CFI Query Identification String ................................................ 23
Table 10. System Interface String......................................................... 23
Table 11. Device Geometry Definition .................................................. 24
Table 12. Primary Vendor-Specific Extended Query ............................ 24
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 25
Reading Array Data ...................................................................... 25
Reset Command .......................................................................... 25
Autoselect Command Sequence .................................................. 25
Enter SecSiTM Sector/Exit SecSi Sector
Command Sequence ...................................................................26
Byte/Word Program Command Sequence ................................... 26
Unlock Bypass Command Sequence ........................................... 26
Figure 4. Program Operation ................................................................ 27
Chip Erase Command Sequence ................................................. 27
Sector Erase Command Sequence .............................................. 27
Erase Suspend/Erase Resume Commands ................................ 28
Figure 5. Erase Operation .................................................................... 28
Table 13. Command Definitions ........................................................... 29
Write Operation Status . . . . . . . . . . . . . . . . . . . . 30
DQ7: Data# Polling ...................................................................... 30
Figure 6. Data# Polling Algorithm ......................................................... 30
RY/BY#: Ready/Busy# ................................................................. 31
DQ6: Toggle Bit I .......................................................................... 31
Figure 7. Toggle Bit Algorithm .............................................................. 31
DQ2: Toggle Bit II ......................................................................... 32
Reading Toggle Bits DQ6/DQ2 .................................................... 32
DQ5: Exceeded Timing Limits ...................................................... 32
DQ3: Sector Erase Timer ............................................................. 32
Table 14. Write Operation Status ......................................................... 33
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 34
Figure 8. Maximum Negative Overshoot Waveform ............................. 34
Figure 9. Maximum Positive Overshoot Waveform .............................. 34
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 10. ICC1 Current vs. Time (Showing Active and
Automatic Sleep Currents).................................................................... 36
Figure 11. Typical ICC1 vs. Frequency................................................... 36
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 12. Test Setup .......................................................................... 37
Figure 13. Input Waveforms and Measurement Levels ........................ 37
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 14. Read Operation Timings...................................................... 38
Figure 15. Reset Timings...................................................................... 39
Word/Byte Configuration (BYTE#) ............................................... 40
Figure 16. BYTE# Timings for Read Operations .................................. 40
Figure 17. BYTE# Timings for Write Operations .................................. 40
Erase and Program Operations ................................................... 41
Figure 18. Program Operation Timings ................................................ 42
Figure 19. Accelerated Program Timing Diagram ................................ 42
Figure 20. Chip/Sector Erase Operation Timings ................................. 43
Figure 21. Back-to-back Read/Write Cycle Timings ............................. 44
Figure 22. Data# Polling Timings (During Embedded Algorithms) ....... 44
Figure 23. Toggle Bit Timings (During Embedded Algorithms) ............ 45
Figure 24. DQ2 vs. DQ6 ....................................................................... 45
Temporary Sector Unprotect ........................................................ 46
Figure 25. Temporary Sector Unprotect Timing Diagram ..................... 46
Figure 26. Sector/Sector Block Protect and Unprotect Timing Diagram 47
Alternate CE# Controlled Erase and Program Operations ........... 48
Figure 27. Alternate CE# Controlled Write (Erase/Program)
Operation Timings ................................................................................ 49
Erase And Programming Performance . . . . . . . 50
Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 50
TSOP And SO Pin Capacitance . . . . . . . . . . . . . . 50
Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 51
FBD063—63-ball Fine-Pitch Ball Grid Array (FBGA) 8 x 14 mm . 51
FBD048—Fine-Pitch Ball Grid Array, 6 x 12 mm ......................... 52
TS 048—Thin Small Outline Package .......................................... 53
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com