Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533T Datasheet(PDF) 11 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533T
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533T Datasheet(HTML) 11 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button AS2533T Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 12Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 13Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 14Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533T Datasheet HTML 15Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
11
Rev. 7
July 1998
Data Sheet
AS2533...6
Typical Application
Complex Impedance
(270
Ω + 750 Ω // 150 nF)
Figure 9
Only the components
necessary for
presenting the
complete functions of
the AS253X are
included.
The external components
might change to comply
with various national PTT
regulations and to interface
to different transducers.
Since the AS253x is a
component and not a complete
system, it can not be approved
as a stand alone part by the
standard bodies. Hence, full
conformance to any standards
is depending on the application
in which the AS253x is being
used, and therefore, approvals
by the standard bodies are the
responsibility of the customer
and Austria Mikro Systeme will
not have tested the product to
meet specific standards.
For further application
information please refer to
application note AN2201.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com