Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2533P Datasheet(PDF) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # AS2533P
Description  Multi-Standard CMOS Single Chip Telephone IC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

AS2533P Datasheet(HTML) 7 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Back Button AS2533P Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 10Page - ARTSCHIP ELECTRONICS CO.,LMITED. AS2533P Datasheet HTML 11Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Rev. 7
July 1998
Data Sheet
AS2533...6
The centrex keys are not stored in the RAM, and
subsequently entered digits are buffered in FIFO.
Last Number Redial
LNR is a facility that allows resignalling of the last
manually dialled number without keying in all the digits
again. The LNR is repeatable after each off-hook.
The current content of the RAM is overwritten by new
entries.
A manually entered number is automatically stored in
the LNR RAM. The capacity of the RAM is 31 digits. If a
number greater than 31 digits is entered, the LNR facility
will be inhibited (until new entries < 32 digits) and further
entries will be buffered in FIFO.
Pauses can be inserted by pressing the PS key (not
AS2535).
Post dialled digits, i.e. digits manually entered after LNR
has been invoked, are not stored in RAM but buffered in
FIFO.
Repeat Dialling (not AS2535)
The last manually dialled number can be repeated
without going on-hook by pressing the RP key. If a
called number is engaged, pressing the RP key will
break the line for 1.6 second (to get a new dial tone) and
after a pause the number will be repeated.
The repeat function is enabled when prior to pressing
the RP key, a number has been dialled, and it can be
invoked an unlimited number of times until next on-hook.
During the 1.6 second break the device is in power down
mode to save current.
Recall Function
A recall (R1, R2 or R3 key) activation will invoke a flash
(timed loop break), however, the R1 flash is never
executed in LD mode. R2 and R3 will be executed
independent of the mode.
If recall is the first entry in a digit string, it will be stored
in LNR RAM when digit(s) are entered after the recall.
If the recall key is depressed after a digit string has been
entered or dialled out, the recall will not be stored but
buffered in the FIFO together with subsequently entered
digit.
If pressing the recall key is not followed by digit entries,
the LNR RAM remains intact.
After a recall a 270 ms pause will automatically be
executed.
Memory Keys (not AS2534)
The keys M1 to M12 are direct memory access keys and
the MR key (AS2533/6 only) is used for abbreviated
dialling.
Memory arrangement
AS2533/6 AS2534 AS2535
Storable numbers
14
0
12
Direct memory keys
4
0
12
Indirect memories
10
0
0
In the on chip RAM, numbers can be stored. Each
number can contain up to 21 digits (including pauses).
During programming multiple pauses can be inserted by
pressing the PS (not AS2535) or the LNR key. Each
pause inserted within the first 5 entries will automatically
be terminated after 2 seconds whereas pauses inserted
after location 5 in a digit string will halt dialling and can
be terminated manually by pressing the PS (not AS2535)
or the LNR key. The halt function allows in-dialling to an
extention on a PABX.
Example (45678–123 is stored in M1, where – is a
pause/wait and 123 the extention number):
off-hook, wait for dial tone
press M1 (45678 is dialled out)
await dial tone from called PABX
press PS or LNR (123 is dialled out).
Memory dialling is cascadable. However, the content of
one memory must be dialled out before a new can be
invoked.
Sliding Cursor Procedure
To accommodate easy and uncomplicated redialling
(LNR) behind a PABX, a sliding cursor protocol is
implemented. If new entries match the previous RAM
contents, pressing the LNR key will dial out the remaining
digits.
If there is an error in matching, the LNR will be inhibited
until next on-hook, and the RAM will contain the new
number.
Example (LNR content 912345, where 9 is access
code):
off-hook, wait for PABX dial tone
press 9 and wait for external dial tone
press LNR (12345 will be dialled out).
Tone Generator
The tone generator incorporates the DTMF tones, 3
basic frequencies for the tone ringer and pacifier tones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com