Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BML100PI Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BML100PI
Description  Interactive Projection Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BML100PI Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BML100PI Datasheet HTML 1Page - Bosch Sensortec GmbH BML100PI Datasheet HTML 2Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Bosch Sensortec | BML100PI
Data & Specification are preliminary and subject to change without notice | | Bosch Sensortec GmbH reserves all
rights in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbols are registered trademarks of Robert Bosch GmbH, Germany.
2 | 2
Doc.-Number: BST-BML100PI-FL000-00 / Version_2.0_112018
KEY TECHNICAL SPECIFICATIONS
BML100PI Interactive Projection Module
Power consumption
Typ. 2 W
Optical output power
Up to 30 lm with RRGB- IR
Aspect ratio
16:9*
Throw ratio
Standard: 1.87
Extended: 1.2**
Output resolution
Standard: 854 x 480
Extended: 1280 x 600
Interface
Video: LVDS
Interactivity: MIPI-CSI2
Frame rate
60 Hz
Average response
latency
13 ms
Max. z-allowance
3 mm
Finger separation
8 mm
Number of touch
points
Standard: 5 touch points
Wake-up time from
stand by
2 s
Dimensions
Projection module
Sensor module
43 mm x 47 mm x 7 mm
24 mm x 24 mm x 4 mm
Unless otherwise specified, all values are typical values @ Tc=25°C.
* Customization for different flexible ratio possible depending on business
conditions
** With additional optic/ lens
SYSTEM COMPONENTS
The Interactive Projection Module from Bosch Sensortec is easy
to integrate into the customers’ system. It could be available as:
 Plug and play solution: This is a complete solution for the
customer, which includes all hardware and software
components.
 Embedded solution: The embedded solution includes
hardware for interactive projection and multi-touch algorithm
on the customer host. This enables the full integration in the
customers’ host-system.
In addition to the BML100PI module, Bosch Sensortec offers the
BML100P variant, which provides the same projection features
but without the touch functionality.
Picture source: Bosch Sensortec
Bosch Sensortec is one of the world’s leading providers of
innovative MEMS sensors and actuator solutions that improve
people’s individual lifestyle and well-being. The Interactive
Projection Module from Bosch Sensortec combines extensive
experience in MEMS sensor development with advanced system
knowledge.
Headquarters
Bosch Sensortec GmbH
Gerhard-Kindler-Strasse 9
72770 Reutlingen · Germany
Telephone +49 7121 3535 900
Fax +49 7121 3535 909
www.bosch-sensortec.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com