Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2CC910SC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY2CC910SC
Description  1:10 Clock Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2CC910SC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY2CC910SC Datasheet HTML 1Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 2Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 3Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 4Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 5Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 6Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 7Page - Cypress Semiconductor CY2CC910SC Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
COMLINK™ SERIES
CY2CC910
Document #: 38-07348 Rev. *A
Page 4 of 8
High Frequency Parametrics
Parameter
Description
Test Conditions
Min.
Typ.
Max.
Unit
DJ
Jitter, Deterministic
50% duty cycle tW(50–50)
The “point to point load circuit”
| Output Jitter – Input Jitter |
See Figure 4
20
ps
Fmax
3.3V
Maximum frequency
VDD = 3.3V
50% duty cycle tW(50–50)
Standard Load Circuit.
See Figure 2
160
MHz
50% duty cycle tW(50–50)
The “point to point load circuit”
See Figure 4
650
Fmax
2.5V
Maximum frequency
VDD = 2.5 V
The “point to point load circuit”
VIN = 2.4V/0.0V VOUT = 1.7V/0.7V
See Figure 4
200
MHz
Fmax
1.8V
Maximum frequency
VDD = 1.8V
The “6-pF load circuit”
VIN = 1.7/0.0V VOUT = 1.2V/0.4V
See Figure 6
200
MHz
Fmax(20)
Maximum frequency
VDD = 3.3 V
20% duty cycle tW(20-80)
The “point to point load circuit”
VIN = 3.0V/0.0V VOUT = 2.3V/0.4V
See Figure 5
250
MHz
tW
3.3V
Minimum pulse
VDD = 3.3 V
The “point to point load circuit”
VIN = 3.0V/0.0V F= 100 MHz
VOUT = 2.0V/0.8V
See Figure 4
1ns
tW
2.5V
Minimum pulse
VDD = 2.5 V
The “point to point load circuit”
VIN = 2.4V/0.0V
F= 100 MHz
VOUT = 1.7V/0.7V
See Figure 4
1
tW
1.8V
Minimum pulse
VDD = 1.8V
The “6-pF load circuit”
VIN = 1.7V/0.0V VOUT = 1.2V/0.4V
See Figure 6
1
AC Switching Characteristics @ 3.3V VDD = 3.3V ± 5%, Temperature = –40°C to +85°C
Parameter
Description
Min.
Typ.
Max.
Unit
tPLH
Propagation Delay – Low to High
See Figure 3
1.5
2.7
3.5
nS
tPHL
Propagation Delay – High to Low
1.5
2.7
3.5
nS
tR
Output Rise Time
0.8
V/nS
tF
Output Fall Time
0.8
V/nS
tSK(0)
Output Skew: Skew between outputs of the same package (in
phase).
See Figure 10
0.2
nS
tSK(p)
Pulse Skew: Skew between opposite transitions of the same
output (tPHL – tPLH).
See Figure 9
0.2
nS
tSK(t)
Package Skew: Skew b.etween outputs of different packages at
the same power supply voltage, temperature and package type.
See Figure 11
0.4
nS
AC Switching Characteristics @ 2.5V VDD = 2.5V ± 5%, Temperature = –40°C to +85°C
Parameter
Description
Min.
Typ. Max. Unit
tPLH
Propagation Delay – Low to High
See Figure 3
1.5
2.7
3.5
nS
tPHL
Propagation Delay – High to Low
1.5
2.7
3.5
nS
tR
Output Rise Time
0.8
V/nS
tF
Output Fall Time
0.8
V/nS
tSK(0)
Output Skew: Skew between outputs of the same package (in phase). See Figure 10
0.2
nS
tSK(p)
Pulse Skew: Skew between opposite transitions of the same output (tPHL
– tPLH).
See Figure 9
0.2
nS
tSK(t)
Package Skew: Skew between outputs of different packages at the same
power supply voltage, temperature and package type.
See Figure 11
0.4
nS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com