Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9801E Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DM9801E
Description  1M home Phonrline Network Physical Layer Single Chip Transceiver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM9801E Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DM9801E Datasheet HTML 17Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 18Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 19Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 20Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 21Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 22Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 23Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 24Page - List of Unclassifed Manufacturers DM9801E Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 61 page
background image
DM9801
1M Home Phoneline Network Physical Layer Single Chip Transceiver
Preliminary
21
Version: DM9801-DS-P02
March 20, 2000
Serial Peripheral Interface (SPI) Bus
When INTFSEL is asserted, the DM9801 is
configured to operate in SPI mode. While
configured to operate in SPI mode, the DM9801 can
act as a SPI Slave or SPI Master. Asserting
SMODE places the DM9801 in SPI Slave mode.
Clearing SMODE places the DM9801 in SPI Master
Mode.
The SPI (Serial Peripheral Interface) Bus uses a
four-wired serial interface to obtain and control the
status of the physical layer through the SPI Bus
interface. The serial control interface consists of SI
(serial data input), SO (serial data output), SCLK
(serial clock), and SCS# (serial interface chip
select) signals. When operating in Master mode the
DM9801 drives the SCLK and SCS# signals, when
operating in Slave mode these signals are inputs.
SPI-Slave Mode (Valid only in GPSI Mode)
When SMODE is asserted the DM9801 is
configured for SPI Slave operation. Commands are
issued to the DM9801 by asserting the SCS#
signal, shifting in an 8-bit opcode followed by a
register address and an end delimiter. If the
operation is a write, the address is followed by an 8-
bit data byte. If the operation is a read, the SO pin
will shift out an 8-bit data byte representing the
contents of the register referenced by the address
field. Only one command can be sent in one SCS#
cycle. The DM9801 does not support multiple byte reads
or writes.
SPI-Master Mode (Valid only in GPSI Mode)
When SMODE is cleared the DM9801 is configured
for SPI Master operation. When the DM9801 is
configured for SPI-Master operation, it will load all
programmable registers from an external SPI type
EEPROM. The memory locations loaded may be
offset via the boot page pins, BP[1:0], allowing a
single 256 byte serial EEPROM to hold four distinct
sets of default register values.
After RESET# has cleared the DM9801 will assert
SCS#, shift out a Read opcode (0x03), followed by
the initial address to be read (as modified by the
Boot Page pins). The DM9801 will then shift in the
memory contents, auto incrementing the register
address being programmed every 8-bits. Once all
64-bytes have been read, the DM9801 releases
SCS#. The SCLK continues to run. Opcodes are
shown in Table 1.
Instruction Format
Instruction Name
0000 0110
Set WE
0000 0100
Clear WE
0000 0011
Read
0000 0010
Write
OPCODES
Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com