Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFR10V150CTF Datasheet(PDF) 7 Page - PFC Device Inc.

Part # PFR10V150CTF
Description  10A 150V MOS Schottky Rectifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PFR10V150CTF Datasheet(HTML) 7 Page - PFC Device Inc.

  PFR10V150CTF Datasheet HTML 1Page - PFC Device Inc. PFR10V150CTF Datasheet HTML 2Page - PFC Device Inc. PFR10V150CTF Datasheet HTML 3Page - PFC Device Inc. PFR10V150CTF Datasheet HTML 4Page - PFC Device Inc. PFR10V150CTF Datasheet HTML 5Page - PFC Device Inc. PFR10V150CTF Datasheet HTML 6Page - PFC Device Inc. PFR10V150CTF Datasheet HTML 7Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Characteristics
Version 4.4
7 / 7
www.pfc-device.com
PFR10V150
5. Ordering information
Part Number
Package
Delivery mode
PFR10V150CT
TO-220AB
50 pieces / tube
PFR10V150CTF
ITO-220AB
50 pieces / tube
PFR10V150CTI
TO-262
50 pieces / tube
PFR10V150CTB
TO-263
800 pieces / 13’’ diameter reel
Note: For Halogen Free molding compound, add "H" suffix to part number above.
Mechanical
Molder Plastic: UL Flammability Classification Rating 94V-0
Device Weight : 0.07 ounces (1.96grams) - TO-220AB
0.06 ounces (1.74grams) - ITO-220AB
0.05 ounces (1.45 grams) - TO-262
0.04 ounces (1.16 grams) - TO-263
Mounting Torque :
Recommended 4~5 kg-cm.
PFC Device Corp reserves the right to make changes without further notice to any products herein. PFC
Device Corp makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does PFC Device Corp assume any liability arising out of the application or use of
any product or circuit, and specifically disclaims any and all liability, including without limitation special,
consequential or incidental damages. “Typical” parameters which may be provided in PFC Device Corp data
sheets and/or specifications can and do vary in different applications and actual performance may vary over
time. All operating parameters, including “Typical” must be validated for each customer application by
customer’s technical experts. PFC Device Corp does not convey any license under its patent rights nor the
rights of others. PFC Device Corp products are not designed, intended, or authorized for use as components
in systems intended for surgical implant into the body, or other applications intended to support or sustain
life, or for any other application in which the failure of the PFC Device Corp product could create a situation
where personal injury or death may occur. Should Buyer purchase or use PFC Device Corp products for any
such unintended or unauthorized application, Buyer shall indemnify and hold PFC Device Corp and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or
death associated with such unintended or unauthorized use, even if such claim alleges that PFC Device Corp
was negligent regarding the design or manufacture of the part.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com