Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2223PSQG Datasheet(PDF) 2 Page - Sinopower Semiconductor Inc

Part # SM2223PSQG
Description  P-Channel Enhancement Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2223PSQG Datasheet(HTML) 2 Page - Sinopower Semiconductor Inc

  SM2223PSQG Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2223PSQG Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.sinopowersemi.com
2
SM2223PSQG
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.4 - November, 2014
®
Absolute Maximum Ratings (T
A = 25°C Unless Otherwise Noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-12
V
GSS
Gate-Source Voltage
±8
V
T
A=25°C
-11
ID
a
Continuous Drain Current (VGS=-4.5V)
T
A=70°C
-8.8
IDM
a
Pulsed Drain Current (VGS=-4.5V)
-44 *
IS
a
Diode Continuous Forward Current
-3
A
L=0.1mH
28
IAS
c
Avalanche Current, Single pulse
L=0.5mH
16
A
L=0.1mH
39
EAS
c
Avalanche Energy, Single pulse
L=0.5mH
64
mJ
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
2.5
PD
a
Maximum Power Dissipation
TA=70°C
1.6
W
t
≤ 10s
50
RθJA
a,b
Thermal Resistance-Junction to Ambient
Steady State
80
°C/W
Note *:Current limited by bond wire.
Note a:Surface Mounted on 1in
2
pad area, t
≤ 10sec.
Note b:Maximum under Steady State conditions is 75
°C/W.
Note c:UIS tested and pulse width limited by maximum junction temperature 150
oC (initial temperature Tj=25oC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com