Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRM016N11CTF Datasheet(PDF) 1 Page - PFC Device Inc.

Part # PRM016N11CTF
Description  110V Single N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.

PRM016N11CTF Datasheet(HTML) 1 Page - PFC Device Inc.

  PRM016N11CTF Datasheet HTML 1Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 2Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 3Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 4Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 5Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 6Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 7Page - PFC Device Inc. PRM016N11CTF Datasheet HTML 8Page - PFC Device Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
110V Single N-Channel MOSFET
Apr-2016
Version 4.0
1 / 8
PFC Device Corporation
PRM016N11CTF
www.pfc-device.com
Major ratings and characteristics
Characteristics
Values
Units
VDS
110
V
ID (TC=25℃)
26.9
A
Max. RDS(ON)@VGS=10V
16
m
TJ Operating Junction
Temperature
-55 to +150
oC
General Description
The N-Channel enhancement mode power
field effect transistor is using trench DMOS
technology. This advanced technology has
been especially tailored to minimize
on-state resistance, provide superior
switching performance, and withstand high
energy pulse in the avalanche and
commutation mode. The device is well
suited for high efficiency fast switching
applications.
Typical Applications
 Charger Adapter
 Power Tools
 LED Lighting
Features
 Max. RDS(ON)=16mΩ@VGS=10V
 Improved dv/dt capability
 Fast switching
 100% EAS Guaranteed
 Green Device Available
PRM016N11CTF
ITO-220
G
D
S


Similar Part No. - PRM016N11CTF

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PRM016N11CT PFC-PRM016N11CT Datasheet
875Kb / 8P
110V Single N-Channel MOSFET
More results

Similar Description - PRM016N11CTF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF1122 GOOD-ARK-SSF1122_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1116 GOOD-ARK-SSF1116_15 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1109 GOOD-ARK-SSF1109 Datasheet
1Mb / 7P
110V Channel MOSFET
SSF1116 GOOD-ARK-SSF1116 Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1116A GOOD-ARK-SSF1116A Datasheet
1Mb / 5P
110V N-Channel MOSFET
SSF1122 GOOD-ARK-SSF1122 Datasheet
1Mb / 5P
110V N-Channel MOSFET
logo
PFC Device Inc.
PRM016N11CT PFC-PRM016N11CT Datasheet
875Kb / 8P
110V Single N-Channel MOSFET
logo
Will Semiconductor Ltd.
WNM01N11 WILLSEMI-WNM01N11 Datasheet
1Mb / 8P
Single N-Channel, 110V, 1.8A, Power MOSFET
logo
Leshan Radio Company
LNB2294LT1G LRC-LNB2294LT1G Datasheet
606Kb / 5P
110V N-Channel Enhancement-Mode MOSFET VDS= 110V
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com