Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC237 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BC237
Description  NPN Epitaxial Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BC237 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BC237 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC237 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC237 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC237/238/239
NPN Epitaxial Silicon Transistor
www.artschip.com
1
Switching and Amplifier Applications
.Low Noise:BC239
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
:BC237
:BC238/239
50
30
V
V
VCEO
Collector-Emitter Voltage
:BC237
:BC238/239
45
25
V
V
VEBO
Emitter-Base Voltage
:BC237
:BC238/239
6
5
V
V
Ic
Collector Current(DC)
100
mA
Pc
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature
-55~150
℃
Electrical Characteristics
Ta=25
℃ unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown
:BC237
:BC238/239
IC=2mA, IB=0
45
25
V
V
BVEBO
Emitter Base Breakdown Voltage
:BC237
:BC238/239
IE=1µA, Ic=0
6
5
V
V
ICES
Collector Cut-off Current
:BC237
:BC238/239
VCE=50V, VBE=0
VCE=30V, VBE=0
0.2
0.2
15
15
nA
nA
hFE
DC Current Gain
VCE=5V, Ic=2mA
120
800
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=10mA, IB=0.5mA
Ic=100mA, IB=5mA
0.07
0.2
0.2
0.6
V
V
VBE(sat)
Collector-Base Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
0.73
0.87
0.83
1.05
V
V
VBE(on)
Base-Emitter On Voltage
VCE=5V,Ic=2mA
0.55
0.62
0.7
V
fT
Current Gain Bandwidth Product
VCE=3V, Ic=0.5mA, f=100MHz
VCE=5V, Ic=10mA, f=100MHz
150
85
250
MHz
MHz
Cob
Output Capacitance
VCB=10V, IE=0,f=1MHz
3.5
6
pF
Cib
Input Base Capacitance
VEB=0.5V, IC=0,f=1MHz
8
pF
NF
Noise Figure
:BC237/238
:BC239
:BC239
VCE=5V, IC=0.2mA,
F=1KHz, RG=2k
Ω
VCE=5V, Ic=0.2mA
RG=2k
Ω, f=30-15kHz
2
10
4
4
dB
dB
dB
hFE Classification
Classification
A
B
C
hFE
120~220
180~460
380~800


Similar Part No. - BC237

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC237 MOTOROLA-BC237 Datasheet
112Kb / 4P
Amplifier Transistors
logo
ON Semiconductor
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC237 PHILIPS-BC237 Datasheet
51Kb / 8P
NPN general purpose transistors
1997 Sep 04
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC237 KEC-BC237 Datasheet
140Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
More results

Similar Description - BC237

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com