Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC308 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BC308
Description  PNP Epitaxial Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BC308 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BC308 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC308 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC308 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC307/308/309
PNP Epitaxial Silicon Transistor
www.artschip.com
1
Switching and Amplifier Applications
.Low Noise: BC309
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings
Ta=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
:BC307
:BC308/309
-50
-30
V
V
VCEO
Collector-Emitter Voltage
:BC307
:BC308/309
-45
-25
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature
-55~150
℃
Electrical Characteristics Ta=25
℃ unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
:BC307
:BC308/309
Ic=-2mA, IB=0
-45
-25
V
V
BVCES
Collector-Emitter Breakdown Voltage
:BC307
:BC308/309
Ic=-10µA, VBE=0
-50
-30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE=-10µA, IC=0
-5
V
ICES
Collector Cut-off Current
:BC307
:BC308/309
VCE=-45V, VBE=0
VCE=-25V,VBE=0
-2
-2
-15
-15
nA
nA
hFE
DC Current Gain
VCE=-5V, IC=-2mA
120
800
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=-10mA, IB=-0.5mA
Ic=-100mA, IB=-5mA
-0.5
-0.3
V
V
VBE(sat)
Collector-Base Saturation Voltage
Ic=-10mA, IB=-0.5mA
Ic=-100mA, IB=-5mA
-0.7
-0.85
V
V
VBE(on)
Base-Emitter On Voltage
VCE=-5V, IC=-2mA
-0.55
-0.62
-0.7
V
fT
Current Gain Bandwidth Product
VCE=-5V, Ic=-10mA, f=50MHz
130
MHz
Cob
Output Capacitance
VCB=-10V, IE=0, f=1MHz
6
pF
Cib
Input Capacitance
VEB=-0.5V, IC=0, f=1MHz
12
pF
NF
Noise Figure
:BC307/308
:BC309
:BC309
VCE=-5V, IC=-0.2mA,
RG=2k
Ω, f=1KHz
VCE=-5V, Ic=-0.2mA
RG=2K
Ω, f=30~15kHz
2
10
4
4
dB
dB
dB


Similar Part No. - BC308

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC308 FAIRCHILD-BC308 Datasheet
69Kb / 5P
PNP EPITAXIAL SILICON TRANSISTOR
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
144Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE, LOW NOISE AMPLIFIER)
logo
Micro Electronics
BC308 MICRO-ELECTRONICS-BC308 Datasheet
225Kb / 4P
PNP SILICON PLANAR EPITAXIAL TRANSISTOR
logo
SEMTECH ELECTRONICS LTD...
BC308 SEMTECH_ELEC-BC308 Datasheet
145Kb / 2P
PNP Silicon Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
BC308 KEC-BC308 Datasheet
30Kb / 1P
TO-92 PACKAGE
More results

Similar Description - BC308

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTC2SA1015 UTC-UTC2SA1015 Datasheet
62Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Samsung semiconductor
2N5401 SAMSUNG-2N5401 Datasheet
76Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
BCW69 SAMSUNG-BCW69 Datasheet
28Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BCX71G FAIRCHILD-BCX71G Datasheet
31Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
FJN4303R FAIRCHILD-FJN4303R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4202R FAIRCHILD-FJNS4202R Datasheet
36Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4204R FAIRCHILD-FJNS4204R Datasheet
65Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4210R FAIRCHILD-FJNS4210R Datasheet
32Kb / 4P
PNP Epitaxial Silicon Transistor
FJNS4212R FAIRCHILD-FJNS4212R Datasheet
26Kb / 3P
PNP Epitaxial Silicon Transistor
FJV4102R FAIRCHILD-FJV4102R Datasheet
55Kb / 4P
PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com