Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547 Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BC547
Description  NPN Epitaxial Silicon Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BC547 Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BC547 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC547 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. BC547 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC546/547/548/549/550
NPN Epitaxial Silicon Transistor
www.artschip.com
1
Switching and Applications
High voltage: BC546, VCEO=65V
Low Noise:BC549,BC550
Complement to BC556…BC560
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
:BC546
:BC547/550
:BC548/549
80
50
30
V
V
V
VCEO
Collector-Emitter Voltage: BC546
:BC547/550
:BC548/549
65
45
30
V
V
V
VEBO
Emitter-Base Voltage
:BC546/547
:BC548/549/550
:BC548/549
65
45
30
V
V
V
IC
Collector Current (DC)
100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
℃
TSTG
Storage Temperature
-65~150
℃
Electrical Characterististics
Ta=25
℃ unless otherwise noted
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=30V, IE=0
15
nA
hFE
DC Current Gain
VCE=5V, IC=2mA
110
800
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=10mA, IB=0.5mA
IC=100mA, IB=5mA
90
200
250
600
mV
mV
VBE(sat)
Base-Emitter Saturation Voltage
Ic=10mA, IB=0.5mA
IC=100mA, IB=5mA
700
900
mV
mV
VBE(on)
Base-Emitter On Voltage
VCE=5V, Ic=2mA
VCE=5V, IC=10mA
580
660
700
720
mV
mV
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=100MHz
300
MHz
Cob
Output Capacitance
VCB=0.5V, IC=0, f=1MHz
3.5
6
pF
Cib
Input Capacitance
VEB=0.5V, Ic=0,f=1MHz
9
pF
NF
Noise Figure
: BC546/547/548
:BC549/550
:BC549
:BC550
VCE=5V, Ic=200µA
f=1KHz,RG=2k
Ω
VCE=5V, IC=200µA
RG=2k
Ω, f=30~15000MHz
2
1.2
1.4
1.4
10
4
4
3
dB
dB
dB
dB
hFE Classification
Classification
A
B
C
hFE
110~220
200~450
420~800


Similar Part No. - BC547

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC547 ONSEMI-BC547 Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547 PHILIPS-BC547 Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Semtech Corporation
BC547 SEMTECH-BC547 Datasheet
371Kb / 5P
NPN Silicon Epitaxial Planar Transistor
logo
Siemens Semiconductor G...
BC547 SIEMENS-BC547 Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547 FAIRCHILD-BC547 Datasheet
44Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC547

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com