Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC547B Datasheet(PDF) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # BC547B
Description  NPN General Purpose Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

BC547B Datasheet(HTML) 1 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  BC547B Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC547/BC547A/BC547B/BC547C
NPN General Purpose Amplifier
www.artschip.com
1
This device is designed for use as general purpose amplifiers and switches requiring collector currents to 300mA. Sourced from
Process 10. See PN 100A for characteristics.
Absolute Maximum Ratings*
TA=25
℃ unless otherwise noted
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
45
V
VCES
Collector-Base Voltage
50
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current-Continuous
500
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
℃
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1)
These ratings are based on a maximum junction temperature of 150 degrees C.
2)
These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Thermal Characteristics TA=25℃ unless otherwise noted
Max
Symbol
Characteristic
BC547/A/B/C
Units
PD
Total Device Dissipation
Derate above 25
℃
625
5.0
mW
mW/
℃
R ӨJC
Thermal Resistance, Junction to Case
83.3
℃/W
R ӨJA
Thermal Resistance, Junction to Ambient
200
℃/W
Electrical Characteristics TA=25
℃ unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage
Ic=1.0mA, IB=0
45
V
V(BR)CES
Collector-Base Breakdown Voltage
Ic=10µA, IE=0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
50
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE=10µA, IC=0
6.0
V
ICBO
Collector Cutoff Current
VCB=30V, IE=0
VCB=30V, IE=0, TA=+150
℃
15
5.0
nA
µA
ON CHARACTERISTICS
hFE
DC Current Gain
VCE=5.0V, Ic=2.0mA 547
547A
547B
547C
110
110
200
420
800
220
450
800
VCE(sat)
Collector-Emitter Saturation Voltage
Ic=10mA, IB=0.5mA
Ic=100mA, IB=0.5mA
0.25
0.60
V
V
VBE(on)
Base-Emitter On Voltage
VCE=5.0V, Ic=2.0mA
VCE=5.0V, Ic=10mA
0.58
0.70
0.77
V
V
SMALL SIGNAL CHARACTERISTICS
hfe
Small-signal Current Gain
Ic=2.0mA, VCE =5.0V,
F=1.0kHz
125
900
NF
Noise Figure
VCE=5.0V,Ic=200µA,
RS=2.0k
Ω, f =1.0kHz,
BW=200Hz
10
dB


Similar Part No. - BC547B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC547B MOTOROLA-BC547B Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC547B ONSEMI-BC547B Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC547B PHILIPS-BC547B Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Siemens Semiconductor G...
BC547B SIEMENS-BC547B Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC547B FAIRCHILD-BC547B Datasheet
26Kb / 2P
NPN General Purpose Amplifier
More results

Similar Description - BC547B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
NPN General Purpose Amplifier
PN3566 FAIRCHILD-PN3566 Datasheet
26Kb / 3P
NPN General Purpose Amplifier
TN2219A FAIRCHILD-TN2219A Datasheet
39Kb / 3P
NPN General Purpose Amplifier
MMBT5550 FAIRCHILD-MMBT5550 Datasheet
105Kb / 6P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
2SC3265-O MCC-2SC3265-O Datasheet
331Kb / 3P
NPN General Purpose Amplifier
MMBT4401 MCC-MMBT4401_11 Datasheet
189Kb / 4P
NPN General Purpose Amplifier
logo
Unisonic Technologies
2N5088 UTC-2N5088_12 Datasheet
96Kb / 3P
NPN GENERAL PURPOSE AMPLIFIER
MMBT5088 UTC-MMBT5088_10 Datasheet
301Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
PZT2222A UTC-PZT2222A_12 Datasheet
276Kb / 6P
NPN GENERAL PURPOSE AMPLIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com