Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1302 Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1302
Description  Trickle Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1302 Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1302 Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302 Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS1302
Trickle Charge Timekeeping Chip
www.artschip.com
2
Interfacing the DS1302 with a microprocessor is simplified by using synchronous serial communication. Only three wires are
required to communicate with the clock/RAM: (1)
(Reset), (2) I/O (Data line), and (3) SCLK (Serial Clock). Data can be
transferred to and from the clock/RAM 1 byte at a time or in a burst of up 31 bytes. The DS1302 is designed to operate on very
low power and retain data and clock information on less than 1 microwatt.
The DS1302 is the successor to the DS1202. In addition to the basic timekeeping functions of the DS1202, the DS1302 has the
additional features of dual power pins for primary and back-up power supplies, programmable trickle charger for VCC1, and seven
additional bytes of scratchpad memory.
OPERATION
The main elements of the Serial Timekeeper are shown in Figure 1: shift register, control logic, oscillator, real time clock, and
RAM.
DS1302 BLOCK DIAGRAM
Figure 1
SIGNAL DESCRIPTIONS
Vcc1
-Vcc1 provides low power operation in single supply and battery operated systems as well as low power battery backup. In
systems using the trickle charger, the rechargeable energy source is connected to this pin.
Vcc2
-Vcc2 is the primary power supply pin in a dual supply configuration. Vcc1 is connected to a backup source to maintain the
time and date in the absence of primary power.
The DS1302 will operate from the larger of Vcc1 or Vcc2. When Vcc2 is greater than Vcc1+0.2V, Vcc2 will power the DS1302.
When Vcc2 is less than Vcc1, Vcc1 will power the DS1302.
SCLK (Serial Clock Input)
– SCLK is used to synchronize data movement on the serial interface.
I/O (Data Input/Output)
–The I/O pin is the bi-directional data pin for the 3-wire interface.
(Reset)
–The reset signal must be asserted high during a read or a write.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com