Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1302SN Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1302SN
Description  Trickle Charge Timekeeping Chip
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1302SN Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1302SN Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1302SN Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS1302
Trickle Charge Timekeeping Chip
www.artschip.com
4
CLOCK/CALENDAR
The clock/calendar is contained in seven write/read registers as shown in Figure 4. Data contained in the clock/calendar registers
is in binary coded decimal format (BCD).
CLOCK HALT FLAG
Bit 7 of the seconds register is defined as the clock halt flag. When this bit is set to logic 1, the clock oscillator is stopped and the
DS1302 is placed into a low-power standby mode with a current drain of less than 100 nanoamps. When this bit is written to logic
0, the clock will start. The initial power on state is not defined.
AM-PM/12-14 MODE
Bit 7 of the hours register is defined as the 12- or 24-hour mode select bit. When high, the 12-hour mode is selected. In the
12-hour mode, bit 5 is the AM/PM bit with logic high being PM. In the 24-hour mode, bit 5 is the second 10-hour bit (20-23 hours).
WRITE PROTECT BIT
Bit 7 of the control register is the write-protect bit. The first seven bits (bits 0-6) are forced to 0 and will always read a 0 when read.
Before any write operation to the clock or RAM, bit 7 must be 0. when high, the write protect bit prevents a write operation to any
other register. The initial power on state is not defined, therefore the WP bit should be cleared before attempting to write to the
device.
TRICKLE CHARGE REGISTER
This register controls the trickle charge characteristics of the DS1302. The simplified schematic of Figure 5 shows the basic
components of the trickle charger. The trickle charge select (TCS) bits (bits 4-7) control the selection of the trickle charger. In order
to prevent accidental enabling, only a pattern of 1010 will enable the trickle charger. All other patterns will disable the trickle
charger. The DS1302 powers up with the trickle charger disabled. The diode select (DS) bits (bits 2-3) select whether one diode or
two diodes are connected between Vcc2 and Vcc1. If DS is 01, one diode is selected or if DS is 10, two diodes are selected. If DS
is 00 or 11, the trickle charger is disabled independently of TCS. The RS bits (bits 0-1) select the resistor that is connected
between Vcc2 and Vcc1. The resistor selected by the resistor select (RS) bit is as follows.
RS Bits
Resistor
Typical Value
00
None
None
01
R1
2K
Ω
10
R2
4K
Ω
11
R3
8K
Ω
If RS is 00, the trickle charger is disabled independently of TCS.
Diode and resistor selection is determined by the user according to the maximum current desired for battery or super cap charging.
The maximum charging current can be calculated as illustrated in the following example. Assume that a system power supply of 5
volt is applied to Vcc2 and a super cap is connected to Vcc1. Also assume that the trickle charger has been enabled with one
diode and resistor R1 between Vcc2 and Vcc1. The maximum current Imax would therefore be calculated as follows:
Imax =(5.0V – diode drop)/R1
~(5.0V -0.7V)/2K
Ω
~2.2mA
Obviously, as the super cap charges, the voltage drop between Vcc2 and Vcc1 will decrease and therefore the charge current will
decrease.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com