Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1307Z Datasheet(PDF) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS1307Z
Description  I2C Real-Time Clock
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS1307Z Datasheet(HTML) 2 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS1307Z Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS1307Z Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DS1307
64 x 8, Serial, I
2C Real-Time Clock
www.artschip.com
2
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to the absolute maximum rating conditions for extended periods may affect
device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA=0℃ to +70℃, TA =-40℃ to +85℃.) (Notes 1,2)
PARAMTER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
Vcc
4.5
5.0
5.5
V
Logic 1 Input
VIH
2.2
Vcc+0.3
V
Logic 0 Input
VIL
-0.3
+0.8
V
VBAT Battery Voltage
VBAT
2.0
3
3.5
V
DC ELECTRICAL CHARACTERISTICS
(Vcc = 4.5V to 5.5V; TA=0℃ to +70℃, TA =-40℃ to +85℃.) (Notes 1,2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Leakage (SCL)
ILI
-1
1
µA
I/O Leakage (SDA, SQW/OUT)
ILO
-1
1
µA
Logic 0 Output (IOL =5mA)
VOL
0.4
V
Active Supply Current
(fSCL=100kHz)
ICCA
1.5
mA
Standby Current
ICCS
(Note 3)
200
µA
VBAT Leakage Current
IBATLKG
5
50
nA
Power-Fail Voltage (VBAT=3.0V)
VPF
1.216x
1.25x
1.28x
VBAT
VBAT
VBAT
V
DC ELECTRICAL CHARACTERISTICS
(Vcc = 0V, VBAT =3.0V; TA=0℃ to +70℃, TA=-40℃ to +85℃. ) (Notes 1,2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VBAT Current (OSC ON);
SQW/OUT OFF
IBAT1
300
500
nA
VBAT Current (OSC ON);
SQW/OUT ON(32kHz)
IBAT2
480
800
nA
VBAT Data-Retention Current
(Oscillator Off)
IBATDR
10
100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com