Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PCX Datasheet(PDF) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS9034PCX
Description  Nonvolatile Timekeeping RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS9034PCX Datasheet(HTML) 5 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS9034PCX Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DS1643/DS1643P
Nonvolatile Timekeeping RAM
www.artschip.com
5
BATTERY LONGEVITY
The DS1643 has a lithium power source that is designed to provide energy for clock activity, and clock and RAM data retention
when the Vcc supply is not present. The capability of this internal power supply is sufficient to power the DS1643 continuously for
the life of the equipment in which it is installed. For specification purposes, the life expectancy is 10 years at 25
℃ with the internal
clock oscillator running in the absence of Vcc power. Each DS1643 is shipped from ARTSCHIP Semiconductor with its lithium
energy source disconnected, guaranteeing full energy capacity. When Vcc is first applied at a level greater than VPF, the lithium
energy source is enabled for battery backup operation. Actual life expectancy of the Ds1643 will be much longer than 10 years
since no lithium battery energy is consumed when Vcc is present.
ABSOLUTE MAXIMUM RATINGS *
Voltage on Any Pin Relative to Ground
-0.3V to +70V
Operating Temperature
0
℃ to 70℃
Storage Temperature
-40
℃ to +85℃
Soldering temperature
J-STD-020A Specification (See Note 7)
*This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operation sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of
time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
℃ to 70℃)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1 Voltage All Inputs
VIH
2.2
Vcc+0.3
V
Logic 0 Voltage All Inputs
VIL
-0.3
0.8
V
RECOMMENDED DC OPERATING CONDITIONS
(0
℃ to 70℃; Vcc =5.0V ±10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
ICC
15
50
mA
2,3
TTL Standby Current
(
=VIH, CE2=VIL)
ICC1
1
3
mA
2,3
CMOS Standby Current
(
=Vcc-0.2V, CE2=GND +0.2V)
ICC2
1
3
mA
2,3
Input Leakage Current (any input)
IIL
-1
+1
µA
Output Leakage Current (any Output)
IOL
-1
+1
µA
Output Logic 1 Voltage
(IOUT=-1.0mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT=+2.1mA)
VOL
0.4
1
Write Protection Voltage
VPF
4.25
4.37
4.50
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com