Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9034PCX Datasheet(PDF) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

Part # DS9034PCX
Description  Nonvolatile Timekeeping RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTSCHIP [ARTSCHIP ELECTRONICS CO.,LMITED.]
Direct Link  http://www.artschip.com/
Logo ARTSCHIP - ARTSCHIP ELECTRONICS CO.,LMITED.

DS9034PCX Datasheet(HTML) 4 Page - ARTSCHIP ELECTRONICS CO.,LMITED.

  DS9034PCX Datasheet HTML 1Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 2Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 3Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 4Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 5Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 6Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 7Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 8Page - ARTSCHIP ELECTRONICS CO.,LMITED. DS9034PCX Datasheet HTML 9Page - ARTSCHIP ELECTRONICS CO.,LMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1647/DS1647P
Nonvolatile Timekeeping RAM
www.artschip.com
4
Table 1. Truth Table
Vcc
MODE
DQ
POWER
VIH
X
X
Deselect
High-Z
Standby
X
X
X
Deselect
High-Z
Standby
VIL
X
VIL
Write
Data In
Active
VIL
VIL
VIH
Read
Data Out
Active
5V±10%
VIL
VIH
VIH
Read
High-Z
Active
<4.5V >VBAT
X
X
X
Deselect
High-Z
CMOS Standby
>VBAT
X
X
X
Deselect
High-Z
Data-Retention Mode
SETTING THE CLOCK
The MSB Bit, B7, of the control register is the write bit. Setting the write bit to a 1, like the read bit halts updates to the DS1647
registers. The user can them load them with the correct day, date and time data in 24-hour BCD format. Resetting the write to a 0
then transfers those values to the actual clock counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator may be stopped at any time. To increase the shelf life, the oscillator can be turned off to minimize current drain
from the battery. The
bit is the MSB for the second’s registers. Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
Bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to logic 1 and the oscillator is running, the LSB of
the second’s register will toggle at 512 Hz. When the seconds register is being read, the DQ0 line will toggle at the 512Hz
frequency as long as conditions for access remain valid (i.e.,
low,
low, and address for seconds register remain valid and
stable).
CLOCK ACCURACY (DIP MODULE)
The DS1647 is guaranteed to keep time accuracy to within ±1 minute per month at +25
℃. The RTC is calibrated at the factory by
ARTSCHIP Semiconductor using nonvolatile tuning elements, and does not require additional calibration. For this reason,
methods of field clock calibration are not available and not necessary. Clock accuracy is also affected by the electrical
environment and caution should be taken to place the RTC in the lowest-level EMI section of the PC board layout. For additional
information, refer to Application Note 58.
CLOCK ACCURACY (POWERCAP MODULE)
The DS1647 and DS9034PCX are each individually tested for accuracy. Once mounted together, the module will typically keep
time accuracy to within ±1.53 minutes per month (35ppm) at +25
℃. Clock accuracy is also affected by the electrical environment
and caution should be taken to place the RTC in the lowest-level EMI section of the PC board layout. For additional information,
refer to Application Note 58.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com