Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68DW10-R6 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 68DW10-R6
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

68DW10-R6 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  68DW10-R6 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 68DW10-R6 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES:
10W DIL Package
4:1 Wide Input Range
100% Burned In
High Efficiency Up To 87%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature From -40℃ To +87℃
3 Years Warranty
DC-DC Converter
68DW10-R6 SERIES
10Watt 1.5KV Isolated
4:1 Input Voltage Range
Single & Dual Output
1” x 1”
Specifications typical at TA=25°C, nominal input voltage
and rated output current unless otherwise specified
Part Number
Input
Voltage
Input Current
Output
Voltage
Output
Current
Efficiency
Vdc
No Load
(mA TYP)
Full Load
(mA TYP)
Vdc
Full Load
(mA)
%TYP
68DW10-24S03R6
9-36
50
393
3.3
2400
84
68DW10-24S05R6
9-36
40
496
5
2000
84
68DW10-24S12R6
9-36
20
483
12
830
86
68DW10-24S15R6
9-36
20
474
15
660
87
68DW10-24D12R6
9-36
20
483
±12
±415
86
68DW10-24D15R6
9-36
20
474
±15
±330
87
68DW10-48S03R6
18-75
30
196
3.3
2400
84
68DW10-48S05R6
18-75
40
248
5
2000
84
68DW10-48S12R6
18-75
10
241
12
830
86
68DW10-48S15R6
18-75
10
237
15
660
87
68DW10-48D12R6
18-75
10
241
±12
±415
86
68DW10-48D15R6
18-75
10
237
±15
±330
87
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
68DW10-R6 SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
4:1
%
Filter
PI Network
Protection
Fuse Recommended


Similar Part No. - 68DW10-R6

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
68DW10-24D05RM YUANDEAN-68DW10-24D05RM Datasheet
373Kb / 2P
DC-DC Converter
68DW10-24D05RNL YUANDEAN-68DW10-24D05RNL Datasheet
600Kb / 2P
DC-DC Converter
68DW10-24D12RM YUANDEAN-68DW10-24D12RM Datasheet
373Kb / 2P
DC-DC Converter
68DW10-24D12RNL YUANDEAN-68DW10-24D12RNL Datasheet
600Kb / 2P
DC-DC Converter
68DW10-24D15RM YUANDEAN-68DW10-24D15RM Datasheet
373Kb / 2P
DC-DC Converter
More results

Similar Description - 68DW10-R6

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com