Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93D-R2 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 93D-R2
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

93D-R2 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  93D-R2 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 93D-R2 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converter
93D-R2 SERIES
60Watt 1.5KV Isolated
2:1 Input Voltage Range
Single Output
2” x 2”
Specifications typical at TA=25°C, nominal input voltage
and rated output current unless otherwise specified
Part Number
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Efficiency
Capacitor
Load
Vdc
No-
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
Full
Load
(mA)
%TYP
uF max.
93D-24S03R2NL
18-36
150
2163
3.3
14000
89
28800
93D-24S05R2NL
18-36
150
2778
5
12000
90
15000
93D-24S12R2NL
18-36
30
2778
12
5000
90
2800
93D-24S15R2NL
18-36
30
2778
15
4000
90
1800
93D-48S03R2NL
36-72
75
1081
3.3
14000
89
28800
93D-48S05R2NL
36-72
75
1389
5
12000
90
15000
93D-48S12R2NL
36-72
30
1389
12
5000
90
2800
93D-48S15R2NL
36-72
30
1389
15
4000
90
1800
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
93D-R2 SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
2:1
Filter
Pi Network
Protection
Fuse Recommended
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load @Vin(nom.)
±2
%
Short Circuit/Restart
Protection
Hiccup, automatic recovery
Over Load Protection
150
%
Line Regulation
±0.5
%
Load Regulation
10% to 100% load
±0.5
%
Ripple & Noise
BW=DC To 20MHz
100
mVp-p
Transient response
setting time
25% load step change
300
us
Thermal Shutdown
110
℃
External Trim Adj.
Range
±10
%
FEATURES:
60 Watt DIL Package
2:1 Wide Input Voltage
100% Burned In
High Efficiency To 90%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +75℃
3 Years Warranty
Under Voltage Lockout


Similar Part No. - 93D-R2

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
93D-R3 YUANDEAN-93D-R3 Datasheet
578Kb / 2P
DC-DC Converter
More results

Similar Description - 93D-R2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com