Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93D-R3 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 93D-R3
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

93D-R3 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  93D-R3 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 93D-R3 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Resistance
500Vdc
1000
MΩ
Switching Frequency
300
KHz
Operating Temperature
Without Heatsink
With Heatsink
-40
-40
75
77
℃
Humidity
Non Condensing
5
95
%
Cooling
Natural Convection (20LFM)
Case material
Nickel Coated with Non-Conductive Base
Weight
48.6/55.3
g
Dimensions
93D-R3 Model
50.8X25.4X13.1
mm
93D-R3HS Model
50.8X25.4X17.8
Potting Material
Silicone (UL94V-0 rated)
Remote ON/OFF
ON
Open
OFF
Short to -Vin
Isolation Voltage
1600
VDC
MTBF
MIL-HDBK-217F @25℃ ,
Ground Benign
109600
Hours
Storage Temperature
-55
+125
℃
Case Temperature
+110
℃
Isolation Capacitance
2200
pF
Recommended Test Circuit
93D-R3 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
Part Number
Dimensions
PIN Assignment
Pin
1
2
3
4
5
6
Function
+Vin
-Vin
Remote On/Off
+Vout
-Vout
Trim
93D-R3 Outline
93D-R3HS Outline



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com