Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

99D-R2 Datasheet(PDF) 1 Page - Yuan Dean Scientific., Co, LTD.

Part # 99D-R2
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

99D-R2 Datasheet(HTML) 1 Page - Yuan Dean Scientific., Co, LTD.

  99D-R2 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 99D-R2 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converter
99D-R2 SERIES
40Watt 1.5KV Isolated
2:1 Input Voltage Range
Single & Dual Output
2” x 2”
Specifications typical at TA=25°C, nominal input voltage
and rated output current unless otherwise specified
Part Number
Input
Voltage
Input
Current
Output
Voltage
Output
Current
Efficiency
Capacitor
Load
Vdc
No-
Load
(mA
TYP)
Full
Load
(mA
TYP)
Vdc
Full
Load
(mA)
%TYP
uF
MAX
99D-12S03R2NL
9-18
120
3125
3.3
10000
88
16000
99D-12S05R2NL
9-18
130
3704
5
8000
90
10000
99D-12S12R2NL
9-18
50
3750
12
3300
88
2000
99D-12S15R2NL
9-18
50
3722
15
2650
89
1200
99D-12D12R2NL
9-18
60
3752
±12
±1670
89
±1000
99D-12D15R2NL
9-18
60
3764
±15
±1340
89
±680
99D-24S03R2NL
18-36
70
1545
3.3
10000
89
16000
99D-24S05R2NL
18-36
80
1832
5
8000
91
10000
99D-24S12R2NL
18-36
30
1833
12
3300
90
2000
99D-24S15R2NL
18-36
30
1840
15
2650
90
1200
99D-24D12R2NL
18-36
30
1855
±12
±1670
90
±1000
99D-24D15R2NL
18-36
30
1861
±15
±1340
90
±680
99D-48S03R2NL
36-75
40
764
3.3
10000
90
16000
99D-48S05R2NL
36-75
50
916
5
8000
91
10000
99D-48S12R2NL
36-75
30
917
12
3300
90
2000
99D-48S15R2NL
36-75
30
920
15
2650
90
1200
99D-48D12R2NL
36-75
30
927
±12
±1670
90
±1000
99D-48D15R2NL
36-75
30
930
±15
±1340
90
±680
YUAN DEAN SCIENTIFIC
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
99D-R2 SERIES
Temperature Derating Graph
Input Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Types
2:1
Filter
Pi Network
Protection
Fuse Recommended
FEATURES:
40 Watt 2”X2” DIL Package
2:1 Wide Input Voltage
100% Burned In
High Efficiency To 91%
Customized Solutions Available
Remote Control:On/Off
UL94V-0 Package Material
Operating Temperature:-40℃ TO +82℃
3 Years Warranty


Similar Part No. - 99D-R2

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
99D-R3 YUANDEAN-99D-R3 Datasheet
594Kb / 2P
DC-DC Converter
More results

Similar Description - 99D-R2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com