Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

99DW-R2 Datasheet(PDF) 2 Page - Yuan Dean Scientific., Co, LTD.

Part # 99DW-R2
Description  DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YUANDEAN [Yuan Dean Scientific., Co, LTD.]
Direct Link  http://www.yds.com.tw/index.php?lang=en
Logo YUANDEAN - Yuan Dean Scientific., Co, LTD.

99DW-R2 Datasheet(HTML) 2 Page - Yuan Dean Scientific., Co, LTD.

  99DW-R2 Datasheet HTML 1Page - Yuan Dean Scientific., Co, LTD. 99DW-R2 Datasheet HTML 2Page - Yuan Dean Scientific., Co, LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
General Specifications
Parameters
Conditions
Min
Typ
Max
Units
Isolation Voltage
1500
VDC
Isolation Resistance
500Vdc
1000
MΩ
Isolation Capacitance
2500
pF
Switching Frequency
300
KHz
Operating
Temperature
Refer to temperature
derating graph
(with derating)
-40
82
℃
Storage Temperature
-55
+125
℃
Case Temperature
+105
℃
Humidity
Non Condensing
5
95
%
Cooling
Natural Convection (20LFM)
Case material
Nickel Coated with Non-Conductive Base
MTBF
MIL-HDBK-217F@25℃,
Ground Benign
151100
Hours
Weight
70
g
Dimensions
51.0X51.0X10.3
mm
Potting Material
Epoxy (UL94V-0 rated)
Recommended Test Circuit
99DW-R2 SERIES
YUAN DEAN SCIENTIFIC CO.,LTD
Rev:0 2018/10/31
Part Number
Output Specifications
Parameters
Conditions
Min
Typ
Max
Units
Voltage Tolerance
Full load @Vin(nom.)
±2
%
Short Circuit Protection
Hiccup,
automatic recovery
Line Regulation
±0.5
%
Load Regulation
Single
Dual(Balance Load)
±0.5
±1
%
Cross Regulation
Dual (25% to 100% load)
±5
%
Ripple & Noise
Output:3-15V TYPES
BW=DC To 20MHz
100
mVp-p
Output > 15V TYPES
BW=DC To 20MHz
1% of
Vout
mVp-p
Transient response
setting time
25% load step change
350
us
External Trim Adj. Range
±10
%
PIN Assignment
Pin
1
2
3
4
5
6
7
8
Single
+Vin
-Vin
Remote O
n/Off
-Sense
+Sense
+Vout
-Vout
Trim
Dual
+Vin
-Vin
Remote On/Off
+Vout
Com
Com
-Vout
Trim
Dimensions



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com