Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES2AF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES2AF
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES2AF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES2AF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES2AF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES2AF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage – 50 to 600 V
Forward Current –2 A
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Top View
Marking Code:
ES2AF~ES2JF: ES2A~ES2J
Simplified outline SMAF and symbol
MECHANICAL DATA
•
• Terminals: Solderable per MIL-STD-750, Method 2026
•
pprox. Weight: 27mg 0.00086oz
Case: SMAF
A
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
1
2
FEATURES
For surface mounted applications
• Low profile package
• Glass Passivated Chip Juntion
• Superfast reverse recovery time
• Lead free in comply with EU RoHS 2011/65/EU directives
•
ES2AF THRU ES2JF
Surface Mount Superfast Rectifiers
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
Maximum Forward Voltage at 2 A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at T = 125
°C
c
Typical Junction Capacitance
at V =4V, f=1MHz
R
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
2
50
1.0
5
100
30
35
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Maximum Reverse Recovery Time
trr
pF
Units
50
100
150
200
300
400
600
1.25
1.65
Typical Thermal Resistance
RθJA
R
θJC
65
20
°C/W
(1)
(2)
Maximum DC Reverse Current
T = 25
°C
a
at Rated DC Blocking Voltage
T =125
°C
a
ES2AF
ES2BF
ES2CF
ES2DF
ES2EF
ES2GF
ES2JF
.
(2)
(1)Measured with I = 0.5 A, I = 1 A, I = 0.25 A
F
R
rr
P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
http://www.trr-jx.com
version: 02


Similar Part No. - ES2AF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES2AF ETC2-ES2AF Datasheet
953Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ES2AF CHENDA-ES2AF Datasheet
1Mb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AF YFWDIODE-ES2AF Datasheet
137Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Jinan Jing Heng Electro...
ES2AF JINGHENG-ES2AF Datasheet
62Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION SUPER FAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES2AF YFWDIODE-ES2AF Datasheet
427Kb / 3P
Surface Mount Superfast Recovery Rectifier
More results

Similar Description - ES2AF

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES5ABF JUXING-ES5ABF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
Surface Mount Superfast Rectifiers
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com