Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2D Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # S2D
Description  Surface Mount Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

S2D Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  S2D Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. S2D Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.trr-jx.com
version: 02
S2A~S2M
Surface Mount Standard Rectifiers
Features
●
Low profile space
●
Ideal for automated placement
●
Open junction chip junctions
●
Low forward voltage drop
●
Low leakage current
●
High forward surge capability
●
High temperature soldering:
260℃/10 seconds at terminals
●
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
●
Case: JEDEC SMA molded plastic
●
Terminals: Solder plated, solderable per
J-STD-002B and JESD22-B102D
●
Polarity: Laser band denotes cathode end
Maximum Ratings & Thermal Characteristics
(TA = 25 °C unless otherwise noted)
Note 1: Mounted on P.C.B. with 0.28 x 0.28” (7.0 x 7.0mm) copper pad areas.
Electrical Characteristics (TA = 25 °C unless otherwise noted)
Note 2: Pulse test:300μs pulse width,1% duty cycle.
1.10
V
5
50
μA
TA=25℃
TA=125℃
IR
-
VF
-
Reverse current
VR=VDC
0.98
Symbol
Min
Type
-
Max
Items
Test conditions
Instantaneous forward voltage
Operating junction and storage temperature
range
TJ, TSTG
–55 to +125
UNIT
℃
IF=2A
(2)
Peak forward surge current 8.3 ms single
half sine-wave superimposed on rated load
IFSM
50
A
Thermal resistance from junction to lead
(1)
RθJL
25
℃
/ W
600
800
1000
V
50
100
200
400
Maximum average forward rectified current
IF(AV)
2A
420
560
700
V
Maximum DC blocking voltage
VDC
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
S2J
S2K
S2M
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
Items
Symbol
S2A
S2B
S2D
S2G
pF
Typical junction capacitance
4.0 V ,1MHz
CJ
-
30.0
-
DO-214AC(SMA)
Dimensions in inches and (millimeters)


Similar Part No. - S2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
S2D PANJIT-S2D Datasheet
58Kb / 2P
SURFACE MOUNT RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
S2D SURGE-S2D Datasheet
85Kb / 2P
SURFACE MOUNT RECTIFIER VOLTAGE - 50 TO 1000 Volts CURRENT - 2.0 Ampere????
logo
Transys Electronics
S2D TRSYS-S2D Datasheet
176Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Jinan Gude Electronic D...
S2D JGD-S2D Datasheet
150Kb / 2P
1.5 AMPS. SURFACE MOUNT RECTIFIERS
logo
Shanghai Sunrise Electr...
S2D SSE-S2D Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
More results

Similar Description - S2D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
DSF1A FORMOSA-DSF1A Datasheet
159Kb / 2P
Surface Mount Standard Rectifiers
logo
Microdiode Semiconducto...
DSR0.5A CHENDA-DSR0.5A Datasheet
881Kb / 2P
Surface Mount Standard Rectifiers
logo
DONGGUAN YOU FENG WEI E...
S2A-SMB YFWDIODE-S2A-SMB Datasheet
103Kb / 2P
Surface Mount Standard Rectifiers
logo
Guangdong Juxing Electr...
G501 JUXING-G501 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
G601 JUXING-G601 Datasheet
3Mb / 3P
Surface Mount Standard Rectifiers
S3AP JUXING-S3AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
S5A JUXING-S5A_10 Datasheet
2Mb / 3P
Surface Mount Standard Rectifiers
S5AP JUXING-S5AP Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
DSR1A JUXING-DSR1A_19 Datasheet
1Mb / 3P
Surface Mount Standard Rectifiers
logo
Shanghai Leiditech Elec...
S5A LEIDITECH-S5A Datasheet
397Kb / 3P
Surface Mount Standard rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com