Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAC Datasheet(PDF) 2 Page - Anova Technologies CO., LTD.

Part # SAC
Description  Axial Lead Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANOVA [Anova Technologies CO., LTD.]
Direct Link  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

SAC Datasheet(HTML) 2 Page - Anova Technologies CO., LTD.

  SAC Datasheet HTML 1Page - Anova Technologies CO., LTD. SAC Datasheet HTML 2Page - Anova Technologies CO., LTD. SAC Datasheet HTML 3Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAC Series
www.anova-semi.com
Revision: A
Jun-25-2010
P. 2
0.1
30
0.1
20
0.1
13
0
100
0
100
10000
0.2 10000
0.14
10000 0.1
25
100
75
100
175
25
175
0
0
0
0.2
100
0.5
76
1
50
1.5
33
2
23
3
13
4
10
Fig. 3 - Pulse Waveform
Fig. 4 - AC Line Protection Application
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Power Derating Curve
Surge Current
0
50
100
0
1
2
3
4
Time , (ms)
TJ = 25 °C
Pulse Width (td) is defined as the
point where the peak current
decays to 50 % of Ipp
10/1000 μsec. Waveform
as defined by R.E.A.
Peak Value
(Ipp)
Half Value = Ipp
2
td
Tr=10μs
0.1
1
10
100
0.1
1
10
100
1000
10000
Pulse Width, td (μs)
Non-Repetitive Pulse
Waveform shown in Fig. 3
td
td
td
PPK
PPK
PPK
"0.5"
Impulse
Exponential
Decay
Half Sine
Square
Current Waveforms
td=7tp
0
25
50
75
100
0
25
50
75
100
125
150
175
Lead Temperature ,TL (℃)
Peak Power (Single Pulse)
TJ = Initial Temperature
Power Dissipation
Low
Capacitance
TVS
Application Note: Device must be used
with two units in parallel, opposite in
polarity as shown in circuit for AC signal
line protection.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com