Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR512ART-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR512ART-R2
Description  1.2 V Precision Low Noise Shunt Voltage Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR512ART-R2 Datasheet(HTML) 1 Page - Analog Devices

  ADR512ART-R2 Datasheet HTML 1Page - Analog Devices ADR512ART-R2 Datasheet HTML 2Page - Analog Devices ADR512ART-R2 Datasheet HTML 3Page - Analog Devices ADR512ART-R2 Datasheet HTML 4Page - Analog Devices ADR512ART-R2 Datasheet HTML 5Page - Analog Devices ADR512ART-R2 Datasheet HTML 6Page - Analog Devices ADR512ART-R2 Datasheet HTML 7Page - Analog Devices ADR512ART-R2 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
ADR512
1.2 V Precision Low Noise
Shunt Voltage Reference
FEATURES
Precision 1.200 V Voltage Reference
Ultracompact 3 mm
3 mm SOT-23 Package
No External Capacitor Required
Low Output Noise: 4
V p-p (0.1 Hz to 10 Hz)
Initial Accuracy:
0.3% Max
Temperature Coefficient: 60 ppm/ C Max
Operating Current Range: 100
A to 10 mA
Output Impedance: 0.3
Max
Temperature Range: –40 C to +85 C
APPLICATIONS
Precision Data Acquisition Systems
Battery-Powered Equipment:
Cellular Phone, Notebook Computer, PDA,
and GPS
3 V/5 V, 8-/12-Bit Data Converters
Portable Medical Instruments
Industrial Process Control Systems
Precision Instruments
GENERAL DESCRIPTION
Designed for space critical applications, the ADR512 is a low
voltage (1.200 V), precision shunt-mode voltage reference in the
ultracompact (3 mm
3 mm) SOT-23 package. The ADR512
features low temperature drift (60 ppm/ C), high accuracy
( 0.30%), and ultralow noise (4 V p-p) performance.
The ADR512’s advanced design eliminates the need for an
external capacitor, yet it is stable with any capacitive load. The
minimum operating current increases from a scant 100 A to a
maximum of 10 mA. This low operating current and ease of use
make the ADR512 ideally suited for handheld battery-powered
applications.
PIN CONFIGURATION
3-Lead SOT-23
1
3
2
V+
V–
ADR512
TRIM/NC
A TRIM terminal is available on the ADR512 to provide adjust-
ment of the output voltage over
0.5% without affecting the
temperature coefficient of the device. This feature provides
users with the flexibility to trim out any system errors.
VS
RBIAS
IQ
IL
VOUT = 1.2V
COUT
(OPTIONAL)
IL + IQ
VS – VOUT
IL + IQ
RBIAS =
ADR512
Figure 1. Typical Operating Circuit
ADR512
Output
Initial
Temperature
Voltage
Accuracy
Coefficient
Model
(VO)
(mV)
(%)
(ppm/ C)
ADR512ART-REEL7 1.200
3.5
0.3
60


Similar Part No. - ADR512ART-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results

Similar Description - ADR512ART-R2

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
PRECISION SHUNT VOLTAGE REFERENCE
logo
Analog Devices
ADR510 AD-ADR510 Datasheet
181Kb / 8P
1.0 V Precision Low Noise Shunt Voltage Reference
REV.0
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
ADR510 AD-ADR510_15 Datasheet
391Kb / 12P
1.0 V Precision Low Noise Shunt Voltage Reference
Rev. B
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com