Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFPR Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS5553IPFPR
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5553IPFPR Datasheet HTML 2Page - Texas Instruments ADS5553IPFPR Datasheet HTML 3Page - Texas Instruments ADS5553IPFPR Datasheet HTML 4Page - Texas Instruments ADS5553IPFPR Datasheet HTML 5Page - Texas Instruments ADS5553IPFPR Datasheet HTML 6Page - Texas Instruments ADS5553IPFPR Datasheet HTML 7Page - Texas Instruments ADS5553IPFPR Datasheet HTML 8Page - Texas Instruments ADS5553IPFPR Datasheet HTML 9Page - Texas Instruments ADS5553IPFPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
6
TIMING CHARACTERISTICS
NOTE: It is recommended that the loading at CLKOUT and all data lines are accurately matched to ensure that the above timing
matches closely with the specified values.
Data Invalid
tSTART
tPDI = tSTART + tsu
N − 17
N − 16
N − 15
N − 14
N − 13
N − 3N − 2N − 1N
tEND
tsu
th
tA
Data Out
(D0−D11)
Output Clock
Input Clock
Analog
Input
Signal
Sample
N
N + 1
N + 2
N + 3
N + 4
N + 14
N + 15
N + 16
N + 17
16.5 Clock Cycles
Figure 1. Timing Diagram
TIMING CHARACTERISTICS(3)
Over full temperature range (TMIN = −40°C to TMAX = +85°C), sampling rate = 65 MSPS, 50% clock duty cycle, and AVDD = DRVDD = 3.3 V,
unless otherwise noted
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
Aperture delay, tA
Input CLK falling edge to data sampling point
1
ns
Aperture delay matching, tA
Channel-to-channel aperture delay matching
50
ps
Aperture jitter (uncertainty)
Uncertainty in sampling instant
300
fs
Latency
16.5
Clock
Cyles
Data setup time, tsu
Data valid(1) to 50% of CLKOUT rising edge
4.3
6
ns
Data hold time, th
50% of CLKOUT rising edge to data becoming invalid(1)
2
2.8
ns
Data start time, tSTART
50% of clock input to beginning of valid data(1)
2.5
4.5
ns
Data stop time, tEND
50% of clock input to end of valid data(1)
9
10.6
ns
Data rise time, tr
Data rise time measured from 20% to 80% of DRVDD
6.6
ns
Data fall time, tf
Data fall time measured from 80% to 20% of DRVDD
5.5
ns
Data setup time, tsu
Data valid(1) to 50% of CLKOUT rising edge, fS = 40 MSPS
8.5
11
ns
Data hold time, th
50% of CLKOUT rising edge to data becoming invalid(1),
fS = 40 MSPS
2.6
4
ns
Data start time, tSTART
50% of clock input to beginning of valid data(1), FS = 40 MSPS
−2.5
1
ns
Data stop time, tEND
50% of clock input to end of valid data(1), FS = 40 MSPS
11.5
13
ns
Data rise time, tr
Data rise time measured from 20% to 80% of DRVDD,
fS = 40 MSPS
7.5
ns
Data fall time, tf
Data fall time measured from 80% to 20% of DRVDD,
fS = 40 MSPS
7.3
ns
Output enable (OE) to data output
delay
Time required for outputs to have stable timings with respect to
the input clock(2) after OE is activated
1000
Clock
Cycles
(1) Data valid refers to 2 V for logic high and 0.8 V for logic low.
(2): Data outputs are available within a clock from assertion of OE; however it takes 1000 clock cycles to ensure stable timing with respect to input
clock.
(3): Timing parameters are ensured by design and characterization and not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com