Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS5553IPFPG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5553IPFPG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPG4 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5553IPFPG4 Datasheet HTML 1Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 2Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 3Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 4Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 5Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 6Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 7Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 8Page - Texas Instruments ADS5553IPFPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
2
PACKAGE/ORDERING INFORMATION(1)
PRODUCT
PACKAGE−LEAD
PACKAGE
DESIGNATOR
SPECIFIED
TEMPERATURE
RANGE
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA, QUANTITY
ADS5553
HTQFP-80(2)
PFP
40°C to 85°C
ADS5553I
ADS5553IPFP
Tray, 96
ADS5553
HTQFP 80()
PowerPAD
PFP
−40°C to 85°C
ADS5553I
ADS5553IPFPR
Tape and Reel, 1000
(1) For the most current product and ordering information, see the Package Option Addendum located at the end of this data sheet.
(2) Thermal pad size: 6.17 mm x 6.17 mm (min), 7,5 mm x 7,5 mm (max). θja = 21°C/W (no airflow) or 15°C/W (with 200 LPFM airflow),
θjc = 13.5°C/W, and θjp (to the bottom PowerPad) = 2°C/W when used with 2 oz. copper trace and pad soldered directly to a JEDEC standard
four layer 3 in x 3 in PCB.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
ADS5553
UNIT
Supply
Voltage
AVDD to AGND,
DRVDD to DRGND
−0.3 to 3.7
V
Voltage
AGND to DRGND
±0.1
V
Analog input to AGND(2)
−0.3 to 3.6
V
Logic input to DRGND
−0.3 to DRVDD + 0.3
V
Digital data output to DRGND
−0.3 to DRVDD + 0.3
V
Operating temperature range
−40 to 85
°C
Junction temperature
105
°C
Storage temperature range
−65 to 150
°C
(1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods
may degrade device reliability. These are stress ratings only, and
functional operation of the device at these or any other conditions
beyond those specified is not implied.
(2) For more details, see the Input Voltage Overstress section in this
data sheet.
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to observe
proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
Supplies
Analog supply voltage, AVDD
3
3.3
3.6
V
Output driver supply voltage,
DRVDD
3
3.3
3.6
V
Analog Input
Differential input range
2.3
VPP
Input common-mode voltage,
VCM(1)
1.45 1.55
1.65
V
Digital Output
Maximum output load
10
pF
Clock Input
ADCLK input sample rate (sine
wave) 1/tC
10
65
MSPS
Clock amplitude, sine wave,
differential(2)
3
VPP
Clock duty cycle(3)
50%
Open free-air temperature range
−40
85
°C
(1) Input common-mode should be connected to CM.
(2) See Figure 20 for more information.
(3) See Figure 21 for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com