Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMB07P03CS Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EMB07P03CS
Description  P?륝hannel Logic Level Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EMB07P03CS Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EMB07P03CS Datasheet HTML 1Page - Excelliance MOS Corp. EMB07P03CS Datasheet HTML 2Page - Excelliance MOS Corp. EMB07P03CS Datasheet HTML 3Page - Excelliance MOS Corp. EMB07P03CS Datasheet HTML 4Page - Excelliance MOS Corp. EMB07P03CS Datasheet HTML 5Page - Excelliance MOS Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
 
 
2016/7/20 
p.5 
EMB07P03CS
SINGLE PULSE TIME ( mSEC ) 
SINGLE PULSE MAXIMUM POWER DISSIPATION
0.01
0
1000
500
0.1
1
2500
1500
2000
3000
10
100
1000
R    = 1.6 C/W
SINGLE PULSE
C
°
T  = 25 C
θJC
°
0.5
0.3
0.2
0.05
0.03
0.02
Notes:
C
θ
JC
θ
JC
100
1000
J
10
1
1
DM
1.Duty Cycle,D =
2.R     =1.6°C/W
θ
JC
3.T  ‐  T   = P * R     (t)
4.R    (t)=r(t) * R
θ
JC
1
0.2
0.05
0.1
0.1
Duty Cycle = 0.5
0.01
Single Pulse
‐2
10
0.02
0.01
10
Transient Thermal Response Curve
t  ,Time ( mSEC )
‐1
t1
t2
‐ V   , Drain‐Source Voltage( V )
0
0
1500
3000
DS
5
10
Coss
Crss
4500
6000
7500
Ciss
25
15
20
30
GS
f = 1 MHz
V   = 0 V
Capacitance Characteristics
Q   ‐ Gate Charge( nC )
Gate Charge Characteristics
0
0
2
4
g
15
30
I   = ‐ 25A
6
8
10
D
60
45
75
‐ 15V
DS
V     = ‐ 5V
‐ 10V
M a x i m u m  S a f e  O p e r a t i n g  A r e a
‐ V D S ,  D r a i n ‐ S o u r c e  V o l t a g e (  V  )
1 0 μs
1 0 0 μs
1 m s
1 0 m s
D C
  T C = 2 5 °C
  R θJ C = 1 . 6 °C / W
  V g s = ‐1 0 V
  S i n g l e  P u l s e
R D S ( O N )  L i m i t e d
3
10
10
2
1
10
10
0
‐1
10
2
1 0
1 0
1
0
1 0
1 0
‐1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com