Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7652 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7652
Description  NTSC/PAL Digital Video Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7652 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7652 Datasheet HTML 3Page - OKI electronic componets MSM7652 Datasheet HTML 4Page - OKI electronic componets MSM7652 Datasheet HTML 5Page - OKI electronic componets MSM7652 Datasheet HTML 6Page - OKI electronic componets MSM7652 Datasheet HTML 7Page - OKI electronic componets MSM7652 Datasheet HTML 8Page - OKI electronic componets MSM7652 Datasheet HTML 9Page - OKI electronic componets MSM7652 Datasheet HTML 10Page - OKI electronic componets MSM7652 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
¡ Semiconductor
MSM7652
7
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Input Voltage
Analog Output Current
Power Consumption
Storage Temperature
Symbol
DVDD
AVDD
VI
IO
PW
TSTG
Condition
—
—
DVDD = 3.3 V
—
—
—
Rating
–0.3 to +4.5
–0.3 to +4.5
–0.3 to +5.5
50
600
–55 to +150
Unit
V
V
mA
mW
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Power Supply Voltage (*1)
"L" Level Input Voltage
Symbol
DVDD
AVDD
VIH
VIL
Condition
—
—
—
—
Typ.
3.3
3.3
—
—
Unit
V
V
V
Operating Temperature 1
Ta1
DVDD = AVDD = 3.3 V
25
˚C
Min.
3.0
3.0
2.2
—
0
Max.
3.6
3.6
—
0.8
70
External Reference Voltage
Vrefex
DVDD = AVDD = 3.3 V,
Ta = 25˚C
1.25
V
——
DA Current Setting Resistance
Riadj
(*2)
385
W
——
DA Output Load Resistance
RL
(*3)
75
W
——
"H" Level Input Voltage
Operating Temperature 2
Ta2
DVDD = AVDD = 3.3 V
DA output load = 37.5 W
25
˚C
065
(*1)
Supply an equal voltage to both DVDD and AVDD.
(*2)
A volume control resistor of approx. 500 W is recommendable for adjusting the output
current. When a DA converter analog output is terminated with a 37.5 W load, Riadj
= approx. 192 W.
(*3)
Indicates the value when Riadj = 385 W (typical value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com