Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3310 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3310
Description  Step-up PWM DC/DC Converter with Integrated Op-Amp and Gate Pulse Modulation Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3310 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM3310 Datasheet HTML 9Page - National Semiconductor (TI) LM3310 Datasheet HTML 10Page - National Semiconductor (TI) LM3310 Datasheet HTML 11Page - National Semiconductor (TI) LM3310 Datasheet HTML 12Page - National Semiconductor (TI) LM3310 Datasheet HTML 13Page - National Semiconductor (TI) LM3310 Datasheet HTML 14Page - National Semiconductor (TI) LM3310 Datasheet HTML 15Page - National Semiconductor (TI) LM3310 Datasheet HTML 16Page - National Semiconductor (TI) LM3310 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Typical Performance Characteristics (Continued)
Op-Amp Offset Voltage vs. Load Current
1.28MHz, 8.5V Application Boost Load Step
20133318
20133351
VOUT = 8.5V, VIN = 3.3V, COUT = 20µF
1) VOUT, 200mV/div, AC
3) ILOAD, 200mA/div, DC
T = 200µs/div
1.28MHz, 8.5V Application Boost Startup Waveform
1.28MHz, 8.5V Application Boost Startup Waveform
20133352
VOUT = 8.5V, VIN = 3.3V, COUT = 20µF, RLOAD =20Ω,CSS = 10nF
1) VSHDN, 2V/div, DC
2) VOUT, 5V/div, DC
3) IIN, 500mA/div, DC
T = 200µs/div
20133353
VOUT = 8.5V, VIN = 3.3V, COUT = 20µF, RLOAD =20Ω,CSS = 100nF
1) VSHDN, 2V/div, DC
2) VOUT, 5V/div, DC
3) IIN, 500mA/div, DC
T = 1ms/div
1.28MHz, 8.5V Application Boost Startup Waveform
20133354
VOUT = 8.5V, VIN = 3.3V, COUT = 20µF, RLOAD =20Ω,CSS = open
1) VSHDN, 2V/div, DC
2) VOUT, 5V/div, DC
3) IIN, 1A/div, DC
T = 40µs/div
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com