Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INMP401ACEZ-R7 Datasheet(PDF) 1 Page - TDK Electronics

Part # INMP401ACEZ-R7
Description  Omnidirectional Microphone with Bottom Port and Analog Output
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

INMP401ACEZ-R7 Datasheet(HTML) 1 Page - TDK Electronics

  INMP401ACEZ-R7 Datasheet HTML 1Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 2Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 3Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 4Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 5Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 6Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 7Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 8Page - TDK Electronics INMP401ACEZ-R7 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
INMP401
Omnidirectional Microphone with Bottom Port and Analog Output
GENERAL DESCRIPTION
The INMP401
* is a high-quality, high-performance, low-
power, analog-output bottom-ported omnidirectional MEMS
microphone. The INMP401 consists of a MEMS microphone
element, an impedance converter, and an output amplifier.
The INMP401 sensitivity specification makes it an excellent
choice for near-field applications. The INMP401 has a
wideband frequency response, resulting in natural sound with
high intelligibility. The specially designed low frequency cutoff
reduces wind noise. Its low current consumption enables long
battery life for portable applications.
The INMP401 complies with the TIA-920 Telecommunications
Telephone Terminal Equipment Transmission Requirements
for Wideband Digital Wireline Telephones standard.
The INMP401 is available in a 4.72 × 3.76 × 1.00 mm surface-
mount package. It is reflow solder compatible with no
sensitivity degradation. The INMP401 is halide free.
*Protected by U.S. Patents 7,449,356; 7,825,484; 7,885,423; and 7,961,897.
Other patents are pending.
APPLICATIONS
•
Mobile Devices
•
Teleconferencing Systems
•
Headsets
•
Security Panels
•
Intercom Devices
FEATURES
•
4.72 × 3.76 × 1.00 mm Surface-Mount Package
•
SNR of 62 dBA
•
S
ensitivity of −42 dBV
•
Flat Frequency Response from 60 Hz to 15 kHz
•
Low Current Consumption: <250 µA
•
Single-Ended Analog Output
•
High PSR of 70 dB
•
Compatible with Sn/Pb and Pb-Free Solder Processes
•
RoHS/WEEE Compliant
ORDERING INFORMATION
PART
TEMP RANGE
INMP401ACEZ-R0*
−40°C to +85°C
INMP401ACEZ-R7†
−40°C to +85°C
EV_INMP401
—
EV_INMP401-FX
—
* – 13” Tape and Reel
† – 7” Tape and reel to be discontinued. Contact
sales@invensense.com for availability.
OUTPUT
AMPLIFIER
INMP401
POWER
VDD
GND
OUTPUT
FUNCTIONAL BLOCK DIAGRAM
InvenSense reserves the right to change the detail
specifications as may be required to permit
improvements in the design of its products.
InvenSense Inc.
1745 Technology Drive, San Jose, CA 95110 U.S.A
+1(408) 988–7339
www.invensense.com
Document Number: DS-INMP401-00
Revision: 1.0.
Release Date: 02/06/2014


Similar Part No. - INMP401ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
INMP401 TDK-INMP401 Datasheet
173Kb / 2P
Analog Output MEMS Microphone Flex Evaluation Board User Guide
More results

Similar Description - INMP401ACEZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMP401-1 AD-ADMP401-1 Datasheet
341Kb / 8P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrB
ADMP404 AD-ADMP404 Datasheet
370Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP405 AD-ADMP405 Datasheet
426Kb / 12P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. PrH
ADMP421 AD-ADMP421 Datasheet
188Kb / 16P
Omnidirectional Microphone with Bottom Port and Digital Output
REV. 0
ADMP441_1209 AD-ADMP441_1209 Datasheet
397Kb / 16P
Omnidirectional Microphone with Bottom Port and I2S Digital Output
REV. B
ADMP401ACEZ AD-ADMP401ACEZ Datasheet
462Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
Rev. E
ADMP421BCEZ-RL AD-ADMP421BCEZ-RL Datasheet
499Kb / 17P
Omnidirectional Microphone with Bottom Port and Digital Output
Rev. D
logo
TDK Electronics
INMP404 TDK-INMP404 Datasheet
359Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP405 TDK-INMP405 Datasheet
373Kb / 13P
Omnidirectional Microphone with Bottom Port and Analog Output
INMP411 TDK-INMP411 Datasheet
375Kb / 14P
Omnidirectional Microphone with Bottom Port and Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com