Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARM Datasheet(PDF) 2 Page - Sanyou Corporation Limited

Part # SARM
Description  Miniature PCB Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARM Datasheet(HTML) 2 Page - Sanyou Corporation Limited

  SARM Datasheet HTML 1Page - Sanyou Corporation Limited SARM Datasheet HTML 2Page - Sanyou Corporation Limited SARM Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2/3
SARM
M
Ordering Information
Nomenclature
Unless otherwise specified:
If dimension <1mm, tolerance: ±0.2mm;
If dimension 1~5mm, tolerance: ±0.3mm;
If dimension >5mm, tolerance: ±0.4mm.
Note: 1. Extended terminal dimension is dimension
before soldering.
2. Tolerance of P.C.B. layout:±0.1mm.
Contact Form:Nil-Form C, B-Form B, M-Form A
Coil Power:D-0.80W
Coil Voltage (VDC):06, 09, 12, 24
Number of Poles:1-1 Pole
Special Parameter:Nil-Standard type,
Letter or number-Special requirement
SARM - S - 1 12
D
1 - XX
Moveable Contact Material:
FormC
Form A
FormB
Nil-AgSnO2φ2.8
Nil-
AgSnO2φ3.0
Nil-
AgSnO2φ3.0
1-A
gCdOφ2.8
1- A
gCdOφ3.0
1-
AgCdOφ3.0
2-A
gSnO2φ3.0
6-
AgNi φ3.0
3-A
gCdOφ3.0
4-3 Compounds φ3.0
5-
Cu plated with La φ3.0
6-
AgNi φ3.0
all stationary contact specified:
AgSnO2
3.0 (moveable contact of AgCdO fit
with AgCdO other moveable contact are all suitble with
)
φ
Protective Construction:S-Flux proofed,SH-Sealed type washable
Type Designation:SARM
Outline Dimensions, Wiring Diagram, P.C.B
(unit:mm)
oard Layout
Wiring Diagram (bottom view)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com