Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SARS Datasheet(PDF) 1 Page - Sanyou Corporation Limited

Part # SARS
Description  Automotive Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SARS Datasheet(HTML) 1 Page - Sanyou Corporation Limited

  SARS Datasheet HTML 1Page - Sanyou Corporation Limited SARS Datasheet HTML 2Page - Sanyou Corporation Limited SARS Datasheet HTML 3Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Model
Max. continuous current
Max. switching current
Max. switching voltage
SARS
35A
connect (NO):150A , disconnect(NO):35A
see performance curve
Contact Capacity
Characteristic Data
1/3
SARS-Series
Features
● 35A switching capability.
● NO type and CO type are avaliable
● Satisfy RoHS and ELV
SANYOU RELAYS
Relays for advanced technology
Automotive Relay
version:V1.4
(1)
(2)
Model
Max. continuous current
Max. switching current
Max. switching voltage
SARS
35A
connect (NO):150A , disconnect(NO):35A
see performance curve
(1)
(2)
Contact Data
2
AgSnO 2
on
14VDC
resistive
Contact
Voltage
Load Type
Contact Current(A)
35
35
duty factor
endurance
(cycles)
contact
material
test ambient
1C﹑1A
NO
NC
OFF
S
off
23℃
20
20
2
ON
S
1x10
5
2
AgSnO 2
on
lamp load
150
off
2
1x10
5
30
2
AgSnO 2
on
general
80
off
2
1x10
5
30
Note:
If the load condition is not in the table. Please contact SANYOU with load details to get more support
(at 10,800 ops./h)
1x10
see contact parameter table
Contact material
contact voltage drop
Operate time
Release time
Initial insulation resistance
Initial dielectric strength
Vibration resistance
Shock resistance
Endurance
Ambient temperature
Note:
Silver alloy
200mv/at 10A (max)
10msec. Max.
10msec. Max.
100MΩ Min.(DC500V)
Between open contacts: AC500V, 50/60Hz 1min.
Between coil and contact: AC500V, 50/60Hz 1min.
Mechanical
Electrical
-40℃~+125℃ (no condensation)
Approx.
17.5 g
10~25Hz 1.27mm double-amplitude
25~500Hz 98m/s2
NO 20G/ NC 5G
(3)Rated voltage step up to 0VDC,And measurement without coil suppression circuit;
7
(5)
(6)
(3)
mechanical behavior
Cover retentivity
:(pull and press)≥200N
Terminals retentivity
:(
)≥100N
pull and press
Terminals bending stiffness
:(all directios)≥10N
Unit weight
(2)
,14VDC;
surge current in lamp load
( 1)For the normally open contact,the measurement of the 100% rated voltage is applied to the coil
(4)The leakage current is less than 1mA;
(4)
(5)When the excitation is excited,the opening time of the normally open contact is less than 1ms;when no excitation,the normally closed contact
time is less than 1ms,at the same time,the normally open contact can not be closed;
(6)Test point for the distance 2mm from the end foot,when the test force is removed,the lead foot should be less than 0.5mm ;
temperature


Similar Part No. - SARS

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SARS01 SANKEN-SARS01 Datasheet
158Kb / 6P
High Efficiency Snubber Diode
SARS02 SANKEN-SARS02 Datasheet
158Kb / 7P
High Efficiency Snubber Diode
SARS05 SANKEN-SARS05 Datasheet
175Kb / 7P
High Efficiency Snubber Diode
SARS10 SANKEN-SARS10 Datasheet
147Kb / 7P
High Efficiency Snubber Diode
logo
Sanyou Corporation Limi...
SARSN SANYOU-SARSN Datasheet
157Kb / 3P
Automotive Relay
More results

Similar Description - SARS

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFV4 HONGFA-HFV4 Datasheet
54Kb / 2P
AUTOMOTIVE RELAY
logo
List of Unclassifed Man...
CX-10N ETC-CX-10N Datasheet
44Kb / 2P
Automotive Relay
HFKDV ETC2-HFKDV Datasheet
67Kb / 4P
AUTOMOTIVE RELAY
logo
Hongfa Technology
HFV4 HONGFA-HFV4_07 Datasheet
98Kb / 5P
AUTOMOTIVE RELAY
JQC-24F HONGFA-JQC-24F Datasheet
63Kb / 2P
AUTOMOTIVE RELAY
logo
Omron Electronics LLC
G8J-1C6T OMRON-G8J-1C6T Datasheet
72Kb / 3P
Automotive Relay
logo
Hongfa Technology
HFKA-T HONGFA-HFKA-T Datasheet
222Kb / 6P
AUTOMOTIVE RELAY
HFV6 HONGFA-HFV6_15 Datasheet
77Kb / 5P
AUTOMOTIVE RELAY
HFV11 HONGFA-HFV11_15 Datasheet
48Kb / 3P
AUTOMOTIVE RELAY
logo
Sanyou Corporation Limi...
SARC SANYOU-SARC Datasheet
172Kb / 3P
Automotive Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com