Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM2612NSC Datasheet(PDF) 5 Page - Sinopower Semiconductor Inc

Part # SM2612NSC
Description  N-Channel Enhancement Mode MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SINOPWER [Sinopower Semiconductor Inc]
Direct Link  http://www.sinopowersemi.com/Form2/index.aspx
Logo SINOPWER - Sinopower Semiconductor Inc

SM2612NSC Datasheet(HTML) 5 Page - Sinopower Semiconductor Inc

  SM2612NSC Datasheet HTML 1Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 2Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 3Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 4Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 5Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 6Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 7Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 8Page - Sinopower Semiconductor Inc SM2612NSC Datasheet HTML 9Page - Sinopower Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.sinopowersemi.com
5
SM2612NSC
®
Copyright
© Sinopower Semiconductor, Inc.
Rev. A.2 - August, 2014
Typical Operating Characteristics (Cont.)
Drain-Source On Resistance
I
D - Drain Current (A)
T
j - Junction Temperature (°C)
Gate Threshold Voltage
V
DS - Drain-Source Voltage (V)
Output Characteristics
V
GS - Gate - Source Voltage (V)
Gate-Source On Resistance
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0
3
6
9
12
15
18
21
3.5V
2.5V
3V
V
GS
=4,5,6,7,8,9,10V
0
4
8
12
16
20
10
15
20
25
30
35
40
45
V
GS
=10V
V
GS
=4.5V
2
3
4
5
6
7
8
9
10
10
20
30
40
50
60
70
I
DS
=5.5A
-50 -25
0
25
50
75
100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS
=250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com