Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEV150 Datasheet(PDF) 4 Page - Sanyou Corporation Limited

Part # SEV150
Description  High Voltage DC Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYOU [Sanyou Corporation Limited]
Direct Link  http://en.sanyourelay.com
Logo SANYOU - Sanyou Corporation Limited

SEV150 Datasheet(HTML) 4 Page - Sanyou Corporation Limited

  SEV150 Datasheet HTML 1Page - Sanyou Corporation Limited SEV150 Datasheet HTML 2Page - Sanyou Corporation Limited SEV150 Datasheet HTML 3Page - Sanyou Corporation Limited SEV150 Datasheet HTML 4Page - Sanyou Corporation Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SEV150
44
/
NOTES
Mounting Attention
L
Attention
Coil Attention
When installing the relay, always use washers to prevent the screws from loosening.
.Tighten each screw within the rated range given
. Exceeding
the maximum torque may result in breakage.
Avoid mounting the relay in strong magnetic fields (near a transformer or magnet) or
close to an object that radiates heat.
.This relay is a DC high-voltage switch. In its final breakdown mode, it may lose the
ability to provide the proper cut-off.Therefore, do not exceed the indicated switching
capacity and life.
.Please treat the relay as a product with limited life and replace it when necessary.
.The contacts of the relay are polarized. Please follow instructions in the connection
schematic when connecting the contacts
.Be careful that foreign matter and oils and fats kind, don’t stick to the main terminal
parts because it is likely to cause terminal parts to give off unusual heat. Also, please
use the following
Min. 2mm nominal cross-sectional area
.-
.-
.-
.-
.-
.-
.-
.-
.Please note that when using a diode, the switching speed may decrease and cause a
reduction in cut-off performance,
e recommend installing a surge protector varistor.
.-
-
,
. Don’t exceed
maximum coil voltage.
. he
300A type h
built-in dedicated drive circuit,
drive the coil
with a quick startup (Built-in one-shot pulse generator circuit).
.After the ON signal enters the
300A type , automatic coil current switching
occurs after approximately 0.1 seconds.Do not repeatedly turn it OFF within that 0.1
seconds interval, as doing so may damage the relay.
●
●Electrical ife
●
1.
2in the
3.
1
2
3
.
4
specifications of conductor.
10A
20A
in 3mm nominal cross sectional area
40A
in 10mm nominal cross sectional area
60A
in 15mm nominal cross sectional area
100A
in 35mm nominal cross sectional area
150A
in 45mm nominal cross sectional area
200A
in 60mm nominal cross sectional area
250A
in 80mm nominal cross sectional area
300A
in 100mm nominal cross sectional area
1
w
2 The pick up voltage and drop out voltage will change with ambient temperature
please use rated voltage to make sure the relay operate reliable
3 T
250A and
s ave
please
4
250A and
s
2
M
M
M
M
M
M
M
M
2
2
2
2
2
2
2
2
outline dimensions
Installation Size Chart
Schematic Diagram
NOTE The contacts are polarized
:
Disclaimer:
’.
.
This datasheet is the customers reference All the specification are subject to change without notice
.
We could not evaluate all the performance and parameters for every possible application Thus the users should be in a
right position to choose the suitable product for their own application If there is any query please contact Sanyou
.,
for technical service However it is the users responsibility to determine which product should be used only
.'
.
SANYOU CORPORATION LIMITED All rights reserved by Sanyou.
.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com